Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Page 16 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
14.2. SENSITIVITY
14.2.1. TRACKING
Tracking is an ability of receiver to maintain valid satellite ephemeris data.
During tracking receiver may stop output valid position solutions.
Tracking sensitivity defined as minimum GPS signal power required for tracking.
14.2.2. REACQUISITION
Reacquisition follows temporary blocking of GPS signals.
Reacquisition sensitivity defined as minimum GPS signal power required for reacquisition.
14.2.3. NAVIGATION
During navigation receiver consequently outputs valid position solutions.
Navigation sensitivity defined as minimum GPS signal power required for reliable navigation.
14.2.4. HOT START
Hot Start sensitivity defined as minimum GPS signal power required for valid position solution
under Hot Start conditions.
14.2.5. AIDED START
Aided Start sensitivity defined as minimum GPS signal power required for valid position solution
following aiding process.
14.2.6. COLD START
Cold Start sensitivity defined as minimum GPS signal power required for valid position solution
under Cold Start conditions, sometimes referred as ephemeris decode threshold.
TABLE 6 – SENSITIVITY
Notes:
1. EVK is static, ambient temperature is +25°C, RF signals are conducted.
2. R01 - Dual-stage LNA standard ordering option.
3. Outage duration ≤ 30s.
4. Hibernate state duration ≤ 5m.
5. Aiding using Broadcast Ephemeris (Ephemeris Push™) or Extended Ephemeris (CGEE™ or SGEE™).
OPERATION
1
MODE
VALUE
UNIT
Tracking
GPS
-167
dBm
GLONASS
-165
dBm
Navigation
GPS
-164
dBm
GLONASS
-164
dBm
Reacquisition
4
-162
dBm
Hot Start
4
-160
dBm
Aided Start
5
-156
dBm
Cold Start
GPS
-148
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com