Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 44 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 44 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 48Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 400 page
background image
Application core
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
DEST
Secure APB destination address
4.6.1.9 KEYSLOT.CONFIG[n].PERM (n=0..127)
Address offset: 0x404 + (n × 0x8)
Define permissions for the key slot. Bits 0-15 and 16-31 can only be written when equal to 0xFFFF.
Note: Writing/reading this register requires the KMU SELECTKEYSLOT register to be set to n+1.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D
C B A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
WRITE
Write permission for key slot
Disabled
0
Disable write to the key value registers
Enabled
1
Enable write to the key value registers
B
RW
READ
Read permission for key slot
Disabled
0
Disable read from key value registers
Enabled
1
Enable read from key value registers
C
RW
PUSH
Push permission for key slot
Disabled
0
Disable pushing of key value registers over secure APB, but can be read
if field READ is Enabled
Enabled
1
Enable pushing of key value registers over secure APB. Register
KEYSLOT.CONFIGn.DEST must contain a valid destination address!
D
RW
STATE
Revocation state for the key slot
Note that it is not possible to undo a key revocation by writing the
value '1' to this field
Revoked
0
Key value registers can no longer be read or pushed
Active
1
Key value registers are readable (if enabled) and can be pushed (if
enabled)
4.6.1.10 KEYSLOT.KEY[n].VALUE[o] (n=0..127) (o=0..3)
Address offset: 0x800 + (n × 0x10) + (o × 0x4)
Define bits [31+o*32:0+o*32] of value assigned to KMU key slot.
Note: Writing/reading this register requires the KMU SELECTKEYSLOT register to be set to n+1.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
RW
VALUE
Define bits [31+o*32:0+o*32] of value assigned to KMU key slot
4418_1315 v2.0
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com