Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 31 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 31 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 35Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 400 page
background image
Application core
UICR protection bit status
NVMC protection
SECUREAPPROTECT APPROTECT
ERASEPROTECT
CTRL-AP
ERASEALL
NVMC
ERASEALL
0
0
0
Available
Available
1
X
0
Available
Blocked
X
1
0
Available
Blocked
X
X
1
Blocked
Blocked
Table 9: NVMC protection (1 - Enabled, 0 - Disabled, X - Don't care)
Note: Erase can still be performed through CTRL-AP, regardless of the above settings. See CTRL-AP
- Control access port on page 372 for more information.
Uploading code with secure debugging blocked
Non-secure code can program non-secure flash regions. In order to perform these operations, the NVMC
has the following non-secure registers: CONFIGNS, READY and READYNEXT.
Register CONFIGNS on page 34 works as the CONFIG register but it is used only for non-secure
transactions. Both page erase and writing inside the flash require a write transaction (see Erasing a secure
page in flash on page 30 or Erasing a non-secure page in flash on page 30). Because of this, the
SPU — System protection unit on page 259 will guarantee that the non-secure code cannot write inside
a secure page, since the transaction will never reach the NVMC controller.
4.4.6.2 NVMC power failure protection
NVMC power failure protection is possible through use of power-fail comparator that is monitoring power
supply.
If the power-fail comparator is enabled, and the power supply voltage is below VPOF threshold, the power-
fail comparator will prevent the NVMC from performing erase or write operations in non-volatile memory
(NVM).
If a power failure warning is present at the start of an NVM write or erase operation, the NVMC will block
the operation and a bus error will be signalled. If a power failure warning occurs during an ongoing NVM
write operation, the NVMC will try to finish the operation. And if the power failure warning persists,
consecutive NVM write operations will be blocked by the NVMC, and a bus error will be signalled. If a
power failure warning occurs during an NVM erase operation, the operation is aborted and a bus error is
signalled.
4.4.7 Cache
An instruction cache (I-Cache) can be enabled for the ICODE bus in the NVMC.
See Memory map on page 23 for the location of flash.
A cache hit is an instruction fetch from the cache, and it has a 0 wait-state delay. The number of wait-
states for a cache miss, where the instruction is not available in the cache and needs to be fetched from
flash, depends on the processor frequency, see CPU parameter W_FLASHCACHE.
Enabling the cache can increase the CPU performance, and reduce power consumption by reducing the
number of wait cycles and the number of flash accesses. This will depend on the cache hit rate. Cache
draws current when enabled. If the reduction in average current due to reduced flash accesses is larger
than the cache power requirement, the average current to execute the program code will be reduced.
When disabled, the cache does not draw current and its content is not retained.
4418_1315 v2.0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com