Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 70 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 70 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 74Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 400 page
background image
Power and clock management
5.3.2 CLOCK — Clock control
The CLOCK module provides one of the interfaces to power and clock management configuration settings.
Through CLOCK module it is able to configure the following:
• LFCLK clock source setup
• LFCLK and HFCLK status
• Tasks and events
• Interrupts
• Reset
Note: Registers INTEN on page 74, INTENSET on page 74, and INTENCLR on page 74 are
the same registers (at the same address) as corresponding registers in POWER — Power control on
page 64.
5.3.2.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50005000
0x40005000
CLOCK
CLOCK : S
CLOCK : NS
US
NA
Clock control
Table 23: Instances
Register
Offset
Security Description
TASKS_HFCLKSTART
0x000
Start HFCLK source
TASKS_HFCLKSTOP
0x004
Stop HFCLK source
TASKS_LFCLKSTART
0x008
Start LFCLK source
TASKS_LFCLKSTOP
0x00C
Stop LFCLK source
SUBSCRIBE_HFCLKSTART
0x080
Subscribe configuration for task HFCLKSTART
SUBSCRIBE_HFCLKSTOP
0x084
Subscribe configuration for task HFCLKSTOP
SUBSCRIBE_LFCLKSTART
0x088
Subscribe configuration for task LFCLKSTART
SUBSCRIBE_LFCLKSTOP
0x08C
Subscribe configuration for task LFCLKSTOP
EVENTS_HFCLKSTARTED
0x100
HFCLK oscillator started
EVENTS_LFCLKSTARTED
0x104
LFCLK started
PUBLISH_HFCLKSTARTED
0x180
Publish configuration for event HFCLKSTARTED
PUBLISH_LFCLKSTARTED
0x184
Publish configuration for event LFCLKSTARTED
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
INTPEND
0x30C
Pending interrupts
HFCLKRUN
0x408
Status indicating that HFCLKSTART task has been triggered
HFCLKSTAT
0x40C
The register shows if HFXO has been requested by triggering HFCLKSTART task and if it has
been started (STATE)
LFCLKRUN
0x414
Status indicating that LFCLKSTART task has been triggered
LFCLKSTAT
0x418
The register shows which LFCLK source has been requested (SRC) when triggering LFCLKSTART
task and if the source has been started (STATE)
LFCLKSRCCOPY
0x41C
Copy of LFCLKSRC register, set after LFCLKSTART task has been triggered
LFCLKSRC
0x518
Clock source for the LFCLK. LFCLKSTART task starts starts a clock source selected with this
register.
Table 24: Register overview
4418_1315 v2.0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com