Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 99 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 99 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 95Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 103Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 400 page
background image
Peripherals
• The GPIO pad must be low (or high depending on the SENSE polarity) for 3 CPU clock cycles after
DETECT has gone high to generate a new DETECT signal.
Note: When a pin is configured as digital input, care has been taken to minimize increased current
consumption when the input voltage is between VIL and VIH. However, it is a good practice to
ensure that the external circuitry does not drive that pin to levels between VIL and VIH for a long
period of time.
6.4.2 Pin sense mechanism
Pins sensitivity can be individually configured, through the SENSE field in the PIN_CNF[n] register, to detect
either a high level or a low level on their input.
When the correct level is detected on any such configured pin, the sense mechanism will set the DETECT
signal high. Each pin has a separate DETECT signal. Default behavior, defined by the DETECTMODE register,
is that the DETECT signals from all pins in the GPIO port are combined into one common DETECT signal
that is routed throughout the system, which then can be utilized by other peripherals. This mechanism is
functional in both System ON and System OFF modes.
DETECTMODE and DETECTMODE_SEC are provided to handle secure and non-secure pins.
DETECTMODE_SEC register is available to control the behavior associated to pin marked as secure, while
the DETECTMODE register is restricted to pin marked as non-secure. Please refer to GPIO security on page
100 for more details.
Make sure that a pin is in a level that cannot trigger the sense mechanism before enabling it. The DETECT
signal will go high immediately if the SENSE condition configured in the PIN_CNF registers is met when the
sense mechanism is enabled. This will trigger a PORT event if the DETECT signal was low before enabling
the sense mechanism.
The DETECT signal is also used by power and clock management system to exit from System OFF mode,
and by GPIOTE to generate the PORT event. In addition GPIOTE_SEC is used for PORT event related to
secure pins). See POWER — Power control on page 64 and GPIOTE — GPIO tasks and events on page
106 for more information about how the DETECT signal is used.
When a pin's PINx.DETECT signal goes high, a flag will be set in the LATCH register. For example, when
the PIN0.DETECT signal goes high, bit 0 in the LATCH register will be set to '1'. If the CPU performs a clear
operation on a bit in the LATCH register when the associated PINx.DETECT signal is high, the bit in the
LATCH register will not be cleared. The LATCH register will only be cleared if the CPU explicitly clears it by
writing a '1' to the bit that shall be cleared, i.e. the LATCH register will not be affected by a PINx.DETECT
signal being set low.
The LDETECT signal will be set high when one or more bits in the LATCH register are '1'. The LDETECT signal
will be set low when all bits in the LATCH register are successfully cleared to '0'.
If one or more bits in the LATCH register are '1' after the CPU has performed a clear operation on the
LATCH registers, a rising edge will be generated on the LDETECT signal. This is illustrated in DETECT signal
behavior on page 100.
Note: The CPU can read the LATCH register at any time to check if a SENSE condition has been met
on one or more of the the GPIO pins, even if that condition is no longer met at the time the CPU
queries the LATCH register. This mechanism will work even if the LDETECT signal is not used as the
DETECT signal.
The LDETECT signal is by default not connected to the GPIO port's DETECT signal, but via the DETECTMODE
register it is possible to change from default behavior to DETECT signal being derived directly from the
LDETECT signal instead. See GPIO port and the GPIO pin details on page 98. DETECT signal behavior on
page 100 illustrates the DETECT signal behavior for these two alternatives.
4418_1315 v2.0
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com