Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 86 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 86 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 88Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 89Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 90Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 400 page
background image
Peripherals
6.2 DPPI - Distributed programmable peripheral
interconnect
The distributed programmable peripheral interconnect (DPPI) enables peripherals to interact
autonomously with each other by using tasks and events, without any intervention from the CPU. DPPI
allows precise synchronization between peripherals when real-time application constraints exist, and
eliminates the need for CPU involvement to implement behavior which can be predefined using the DPPI.
Note: For more information on tasks, events, publish/subscribe, interrupts, and other concepts,
see Peripheral interface on page 15.
The DPPI has the following features:
• Peripheral tasks can subscribe to channels
• Peripheral events can be published on channels
• Publish/subscribe pattern enabling multiple connection options that include the following:
• One-to-one
• One-to-many
• Many-to-one
• Many-to-many
The DPPI consists of several PPIBus modules, which are connected to a fixed number of DPPI channels and
a DPPI configuration (DPPIC).
4418_1315 v2.0
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com