Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 97 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 97 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 93Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 94Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 95Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 96Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 97Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 101Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 400 page
background image
Peripherals
6.3.1.6 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-P RW
TRIGGERED[i] (i=0..15)
Write '1' to enable interrupt for event TRIGGERED[i]
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.3.1.7 INTENCLR
Address offset: 0x308
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-P RW
TRIGGERED[i] (i=0..15)
Write '1' to disable interrupt for event TRIGGERED[i]
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.3.2 Electrical specification
6.3.2.1 EGU Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tEGU,EVT
Latency between setting an EGU event flag and the system
setting an interrupt
1
cycles
6.4 GPIO — General purpose input/output
The general purpose input/output pins (GPIOs) are grouped as one or more ports with each port having up
to 32 GPIOs.
The number of ports and GPIOs per port may vary with product variant and package. Refer to Registers on
page 101 and Pin assignments on page 385 for more information about the number of GPIOs that are
supported.
GPIO has the following user-configurable features:
• Up to 32 GPIO pins per GPIO port
• Configurable output drive strength
• Internal pull-up and pull-down resistors
• Wake-up from high or low level triggers on all pins
4418_1315 v2.0
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com