Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 63 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 63 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 400 page
background image
Power and clock management
Symbol
Description
B13
(typ.)
B20
(typ.)
B3
(typ.)
B4
(typ.)
Units
Sleep current consumption, Cat-M1 and Cat-NB1
IPSM
PSM floor current
2.7
2.7
2.7
2.7
µA
PSM TAU event energy and duration, Cat-M1
EPSM_TAU
Pout 23 dBm, QPSK, resource blocks 6, TBS index 9, UICC included
105
-
-
-
mJ
TPSM_TAU
Pout 23 dBm, QPSK, resource blocks 6, TBS index 9, UICC included
1.5
-
-
-
s
PSM TAU event energy and duration, Cat-NB1
EPSM_TAU
Pout 23 dBm, QPSK, UICC included; UL: 12SC, MCS Index 5 Resource Units 1, Repetitions 1; DL, 12SC,
MCS Index 6, Subframes 3, Repetitions 1
550
-
-
-
mJ
TPSM_TAU
Pout 23 dBm, QPSK, UICC included; UL: 12SC, MCS Index 5 Resource Units 1, Repetitions 1; DL, 12SC,
MCS Index 6, Subframes 3, Repetitions 1
2.7
-
-
-
s
Average current consumption, radio resource control (RRC) mode, Cat-M1
IEDRX
eDRX average current, 81.92 s, one PO/PTW, PTW = 2.56 s
18
18
18
18
µA
IIEDRX
Idle eDRX average current, 655 s, one PO/PTW, PTW = 2.56 s
6
6
6
6
µA
IRMC_0DBM
Uplink 180 kbit/s, Pout 0 dBm, RMC settings as per 3GPP TS 36.521-1 Annex A.2
45
45
45
45
mA
IRMC_10DBM
Uplink 180 kbit/s, Pout 10 dBm, RMC settings as per 3GPP TS 36.521-1 Annex A.2
50
50
55
55
mA
IRMC_23DBM
Uplink 180 kbit/s, Pout 23 dBm, RMC settings as per 3GPP TS 36.521-1 Annex A.2
100
105
115
115
mA
Average current consumption, radio resource control (RRC) mode, Cat-NB1
IEDRX
eDRX average current, 81.92 s, one PO/PTW, PTW = 2.56 s
37
37
37
37
µA
IIEDRX
Idle eDRX average current, 655 s, one PO/PTW, PTW = 2.56 s
9
9
9
9
µA
IRMC_0DBM
Pout 0 dBm, QPSK, 1SC, 15 kHz, TX 33% RX 33% ("balanced TX and RX"), RMC settings as per 3GPP TS
36.101 Annex A.2.4
35
35
40
40
mA
IRMC_10DBM
Pout 10 dBm, QPSK, 1SC, 15 kHz, TX 33% RX 33% ("balanced TX and RX"), RMC settings as per 3GPP
TS 36.101 Annex A.2.4
40
45
45
45
mA
IRMC_23DBM
Pout 23 dBm, QPSK, 1SC, 15 kHz, TX 33% RX 33% ("balanced TX and RX"), RMC settings as per 3GPP
TS 36.101 Annex A.2.4
95
105
110
110
mA
IRMC_0DBM
Pout 0 dBm, BPSK, 1SC, 3.75 kHz, TX 80% RX 10% ("TX intensive"), RMC settings as per 3GPP TS
36.101 Annex A.2.4
50
50
55
55
mA
IRMC_10DBM
Pout 10 dBm, BPSK, 1SC, 3.75 kHz, TX 80% RX 10% ("TX intensive"), RMC settings as per 3GPP TS
36.101 Annex A.2.4
65
65
75
75
mA
IRMC_23DBM
Pout 23 dBm, BPSK, 1SC, 3.75 kHz, TX 80% RX 10% ("TX intensive"), RMC settings as per 3GPP TS
36.101 Annex A.2.4
190
190
225
225
mA
Peak current consumption, nominal operating conditions, Cat-M1
ITX_0DBM
TX subframe, Pout 0 dBm
60
60
65
65
mA
ITX_10DBM
TX subframe, Pout 10 dBm
80
85
90
90
mA
ITX_23DBM
TX subframe, Pout 23 dBm
255
275
295
290
mA
IRX_-90DBM
RX subframe, Pin -90 dBm
45
45
45
45
mA
ITX_TRANSIENT TX transient
35
35
35
35
mA/µs
Peak current consumption, nominal operating conditions, Cat-NB1
ITX_0DBM
TX subframe, Pout 0 dBm
55
60
65
65
mA
ITX_10DBM
TX subframe, Pout 10 dBm
75
85
90
85
mA
ITX_23DBM
TX subframe, Pout 23 dBm
230
255
275
275
mA
IRX_-90DBM
RX subframe, Pin -90 dBm
35
35
35
35
mA
ITX_TRANSIENT TX transient
35
35
35
35
mA/µs
Peak current consumption, extreme operating conditions, Cat-M1
ITX_PEAK
TX subframe, Pout >21 dBm, Ant VSWR3
330
355
360
360
mA
ITX_PEAK
TX subframe, Pout >20 dBm, Ant VSWR3, Vbat 3.5 V, Temp 85 °C
355
390
375
375
mA
ITX_PEAK
TX subframe, Pout >20 dBm, Ant VSWR3, Vbat 3.0 V, Temp 85 °C
415
415
435
435
mA
Peak current consumption, extreme operating conditions, Cat-NB1
ITX_PEAK
TX subframe, Pout >21 dBm, Ant VSWR3
280
310
325
325
mA
ITX_PEAK
TX subframe, Pout >20 dBm, Ant VSWR3, Vbat 3.5 V, Temp 85 °C
315
350
365
365
mA
ITX_PEAK
TX subframe, Pout >20 dBm, Ant VSWR3, Vbat 3.0 V, Temp 85 °C
370
405
425
425
mA
4418_1315 v2.0
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com