Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 80 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 80 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 84Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 400 page
background image
Peripherals
• Prime field: secp160k1, secp192k1, secp224k1, secp256k1
• Edwards/Montgomery curves:
• Ed25519, Curve25519
• ECDH/ECDSA support
• Secure remote password protocol (SRP)
• Up to 3072-bit operations
• Hashing functions
• SHA-1, SHA-2 up to 256 bits
• Keyed-hash message authentication code (HMAC)
• AES symmetric encryption
• General purpose AES engine (encrypt/decrypt, sign/verify)
• 128-bit key size
• Supported encryption modes: ECB, CBC, CMAC/CBC-MAC, CTR, CCM/CCM* (CCM* is a minor
variation of CCM)
• ChaCha20/Poly1305 symmetric encryption
• Supported key size: 128 and 256 bits
• Authenticated encryption with associated data (AEAD) mode
6.1.1 Usage
The CRYPTOCELL state is controlled via a register interface. The cryptographic functions of CRYPTOCELL are
accessible by using a software library provided in the device SDK, not directly via a register interface.
To enable CRYPTOCELL, use register ENABLE on page 82.
Note: Keeping the CRYPTOCELL subsystem enabled will prevent the device from reaching the
System ON, All Idle state.
6.1.2 Always-on (AO) power domain
The CRYPTOCELL subsystem has an internal always-on (AO) power domain for retaining device secrets
when CRYPTOCELL is disabled.
The following information is retained by the AO power domain:
• 4 bits indicating the configured CRYPTOCELL lifecycle state (LCS)
• 1 bit indicating if the hard-coded RTL key, KPRTL (see RTL key on page 81), is available for use
• 128-bit device root key, KDR (see Device root key on page 81)
A reset from any reset source will erase the content in the AO power domain.
6.1.3 Lifecycle state (LCS)
Lifecycle refers to multiple states a device goes through during its lifetime. Two valid lifecycle states are
offered for the device - debug and secure.
The CRYPTOCELL subsystem lifecycle state (LCS) is controlled through register HOST_IOT_LCS on page
85. A valid LCS is configured by writing either value
Debug or Secure into the LCS field of this
register. A correctly configured LCS can be validated by reading back the read-only field LCS_IS_VALID from
the abovementioned register. The LCS_IS_VALID field value will change from
Invalid to Valid once a
valid LCS value has been written.
4418_1315 v2.0
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com