Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 78 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 78 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 82Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
SYSTEMOFF
Enable System OFF mode
Enable
1
Enable System OFF mode
5.3.3.1.2 DCDCEN
Address offset: 0x578
Enable DC/DC mode of the main voltage regulator.
Note: DCDCEN must be set to 1 (enabled) before the LTE modem is started.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DCDCEN
Enable DC/DC converter
Disabled
0
DC/DC mode is disabled
Enabled
1
DC/DC mode is enabled
4418_1315 v2.0
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com