Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 66 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 66 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 70Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_POFWARN
Power failure warning
NotGenerated
0
Event not generated
Generated
1
Event generated
5.3.1.1.6 EVENTS_SLEEPENTER
Address offset: 0x114
CPU entered WFI/WFE sleep
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_SLEEPENTER
CPU entered WFI/WFE sleep
NotGenerated
0
Event not generated
Generated
1
Event generated
5.3.1.1.7 EVENTS_SLEEPEXIT
Address offset: 0x118
CPU exited WFI/WFE sleep
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_SLEEPEXIT
CPU exited WFI/WFE sleep
NotGenerated
0
Event not generated
Generated
1
Event generated
5.3.1.1.8 PUBLISH_POFWARN
Address offset: 0x188
Publish configuration for event POFWARN
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event POFWARN will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
5.3.1.1.9 PUBLISH_SLEEPENTER
Address offset: 0x194
Publish configuration for event SLEEPENTER
4418_1315 v2.0
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com