Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R7 Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 400 page
background image
4 Application core
4.1 CPU
The ARM Cortex-M33 processor has a 32-bit instruction set (Thumb-2 technology) that implements a
superset of 16 and 32-bit instructions to maximize code density and performance.
This processor implements several features that enable energy-efficient arithmetic and high-performance
signal processing, including:
• Digital signal processing (DSP) instructions
• Single-cycle multiply and accumulate (MAC) instructions
• Hardware divide
• 8- and 16-bit single instruction, multiple data (SIMD) instructions
• Single-precision floating-point unit (FPU)
• Memory Protection Unit (MPU)
• ARM TrustZone for ARMv8-M
The ARM Cortex Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer for the
ARM Cortex processor series is implemented and available for the M33 CPU.
Real-time execution is highly deterministic in thread mode, to and from sleep modes, and when handling
events at configurable priority levels via the nested vectored interrupt controller (NVIC).
Executing code from internal or external flash will have a wait state penalty. The instruction cache can
be enabled to minimize flash wait states when fetching instructions. For more information on cache,
see Cache on page 31. The section Electrical specification on page 21 shows CPU performance
parameters including the wait states in different modes, CPU current and efficiency, and processing power
and efficiency based on the CoreMark benchmark.
4.1.1 CPU and support module configuration
The ARM Cortex-M33 processor has a number of CPU options and support modules implemented on the
device.
4418_1315 v2.0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com