Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 254 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-4
Freescale Semiconductor
Core Register Summary
•
Section 6.7, “Interrupt Registers”
•
Section 6.8, “Software-Use SPRs (SPRG0–SPRG7 and USPRG0),” describes
Book E–defined SPRs defined for software use.
•
Section 6.9, “Branch Target Buffer (BTB) Registers,” describes e500-specific registers
defined to support the e500 BTBs.
•
Section 6.10, “Hardware Implementation-Dependent Registers,” describes HID0 and
HID1.
•
Section 6.11, “L1 Cache Configuration Registers”
•
Section 6.12, “MMU Registers”
•
Section 6.13, “Debug Registers”
•
Section 6.14, “Signal Processing and Embedded Floating-Point Status and Control
Register (SPEFSCR)”
The e500 core implements 64-bit GPRs, the upper 32 bits of which are used only with 64-bit load,
store, and merge instructions.
6.2.1
Special-Purpose Registers (SPRs)
Table 6-1 summarizes SPRs defined in Book E. The SPR numbers are used in the instruction
mnemonics. Bit 5 in an SPR number indicates whether an SPR is accessible from user- or
supervisor-level software. An mtspr or mfspr instruction that specifies an unsupported SPR
number is considered an invalid instruction.
Table 6-1. Book E Special-Purpose Registers (by SPR Abbreviation)
SPR
Abbreviatio
n
Name
Defined SPR Number
Access
Superviso
r Only
Section/
Page
Decimal
Binary
CSRR0
Critical save/restore register 0
58
00001 11010
Read/Write
Yes
6.7.1.1/6-18
CSRR1
Critical save/restore register 1
59
00001 11011
Read/Write
Yes
6.7.1.2/6-18
CTR
Count register
9
00000 01001
Read/Write
No
6.4.3/6-11
DAC1
Data address compare 1
316
01001 11100
Read/Write
Yes
6.13.4/6-48
DAC2
Data address compare 2
317
01001 11101
DBCR0
Debug control register 0
308
01001 10100
Read/Write
Yes
6.13.1/6-42
DBCR1
Debug control register 1
309
01001 10101
Read/Write
Yes
DBCR2
Debug control register 2
310
01001 10110
Read/Write
Yes
DBSR
Debug status register
304
01001 10000
Read/Clear1
Yes
6.13.2/6-46
DEAR
Data exception address register
61
00001 11101
Read/Write
Yes
6.7.1.5/6-19
DEC
Decrementer
22
00000 10110
Read/Write
Yes
6.6.4/6-17
DECAR
Decrementer auto-reload
54
00001 10110
Write-only
ESR
Exception syndrome register
62
00001 11110
Read/Write
Yes
6.7.1.8/6-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com