Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1302 page
background image
Register Model for 32-Bit Implementations
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-7
IVOR32
SPE APU unavailable interrupt offset
528
Read/Write
Yes
6.7.1.7/6-19
IVOR33
Floating-point data exception interrupt offset
529
Read/Write
Yes
IVOR34
Floating-point round exception interrupt
offset
530
Read/Write
Yes
IVOR35
Performance monitor
531
Read/Write
Yes
L1CFG0
L1 cache configuration register 0
515
Read-only
No
6.11.3/6-32
L1CFG1
L1 cache configuration register 1
516
Read-only
No
6.11.4/6-33
L1CSR0
L1 cache control and status register 0
1010
Read/Write
Yes
6.11.1/6-30
L1CSR1
L1 cache control and status register 1
1011
Read/Write
Yes
6.11.2/6-31
MAS0
MMU assist register 0
624
Read/Write
Yes
6.12.5.1/6-3
7
MAS1
MMU assist register 1
625
Read/Write
Yes
6.12.5.2/6-3
8
MAS2
MMU assist register 2
626
Read/Write
Yes
6.12.5.3/6-3
9
MAS3
MMU assist register 3
627
Read/Write
Yes
6.12.5.4/6-4
0
MAS4
MMU assist register 4
628
Read/Write
Yes
6.12.5.5/6-4
0
MAS6
MMU assist register 6
630
Read/Write
Yes
6.12.5.6/6-4
1
MCAR
Machine check address register
573
Read-only
Yes
6.7.2.3/6-22
MCSR
Machine check syndrome register
572
Read/Write
Yes
6.7.2.4/6-23
MCSRR0
Machine check save/restore register 0
570
Read/Write
Yes
6.7.2.1/6-21
MCSRR1
Machine check save/restore register 1
571
Read/Write
Yes
6.7.2.2/6-22
MMUCFG
MMU configuration register
1015
Read-only
Yes
6.12.3/6-35
MMUCSR0
MMU control and status register 0
1012
Read/Write
Yes
6.12.2/6-34
PID0
Process ID register 0. Book E refers to this
as PID instead of PID0.
48
Read/Write
Yes
6.12.1/6-34
PID1
Process ID register 1
633
Read/Write
Yes
PID2
Process ID register 2
634
Read/Write
Yes
SPEFSCR
Signal processing and embedded
floating-point status and control register
512
Read/Write
No
6.14/6-48
SVR
System version register
1023
Read-only
Yes
6.5.4/6-14
Table 6-2. Implementation-Specific SPRs (by SPR Abbreviation) (continued)
SPR
Abbreviatio
n
Name
SPR Number
Access
Superviso
r
Only
Section/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com