Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 256 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-6
Freescale Semiconductor
Core Register Summary
Table 6-2 describes the implementation-specific SPRs. Compilers should recognize the mnemonic
names given in Table 6-2 when parsing instructions.
SPRG5
SPR general 5
261
01000 00101
Read-only
No
6.8/6-24
277
01000 10101
Read/Write
Yes
SPRG6
SPR general 6
262
01000 00110
Read-only
No
278
01000 10110
Read/Write
Yes
SPRG7
SPR general 7
263
01000 00111
Read-only
No
279
01000 10111
Read/Write
Yes
SRR0
Save/restore register 0
26
00000 11010
Read/Write
Yes
6.7.1.1/6-18
SRR1
Save/restore register 1
27
00000 11011
Read/Write
Yes
6.7.1.2/6-18
TBL
Time base lower
268
01000 01100
Read-only
No
6.6.3/6-17
284
01000 11100
Write-only
Yes
TBU
Time base upper
269
01000 01101
Read-only
No
285
01000 11101
Write-only
Yes
TCR
Timer control register
340
01010 10100
Read/Write
Yes
6.6.1/6-15
TSR
Timer status register
336
01010 10000
Read/Clear4
Yes
6.6.2/6-16
USPRG0
User SPR general 05
256
01000 00000
Read/Write
No
6.8/6-24
XER
Integer exception register
1
00000 00001
Read/Write
No
6.3.2/6-8
1 The DBSR is read using mfspr. It cannot be directly written to. Instead, DBSR bits corresponding to 1 bits in the GPR
can be cleared using mtspr.
2 Implementations may support more than one PID. For implementations with multiple PIDs, the EIS implements the
Book E–defined PID as PID0.
3 User-mode read access to SPRG3 is implementation dependent.
4 The TSR is read using mfspr. It cannot be directly written to. Instead, TSR bits corresponding to 1 bits in the GPR
can be cleared using mtspr.
5 USPRG0 is a separate physical register from SPRG0.
Table 6-2. Implementation-Specific SPRs (by SPR Abbreviation)
SPR
Abbreviatio
n
Name
SPR Number
Access
Superviso
r
Only
Section/
Page
BBEAR
Branch buffer entry address register
513
Read/Write
No
6.9.1/6-25
BBTAR
Branch buffer target address register
514
Read/Write
No
6.9.2/6-25
BUCSR
Branch unit control and status register
1013
Read/Write
Yes
6.9.3/6-26
HID0
Hardware implementation dependent reg 0
1008
Read/Write
Yes
6.10.1/6-27
HID1
Hardware implementation dependent reg 1
1009
Read/Write
Yes
6.10.1/6-27
Table 6-1. Book E Special-Purpose Registers (by SPR Abbreviation) (continued)
SPR
Abbreviatio
n
Name
Defined SPR Number
Access
Superviso
r Only
Section/
Page
Decimal
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com