Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1302 page
background image
Register Model for 32-Bit Implementations
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-5
IAC1
Instruction address compare 1
312
01001 11000
Read/Write
Yes
6.13.3/6-47
IAC2
Instruction address compare 2
313
01001 11001
IVOR0
Critical input
400
01100 10000
Read/Write
Yes
6.7.1.7/6-19
IVOR1
Machine check interrupt offset
401
01100 10001
IVOR2
Data storage interrupt offset
402
01100 10010
IVOR3
Instruction storage interrupt
offset
403
01100 10011
IVOR4
External input interrupt offset
404
01100 10100
IVOR5
Alignment interrupt offset
405
01100 10101
IVOR6
Program interrupt offset
406
01100 10110
IVOR8
System call interrupt offset
408
01100 11000
IVOR10
Decrementer interrupt offset
410
01100 11010
IVOR11
Fixed-interval timer interrupt
offset
411
01100 11011
IVOR12
Watchdog timer interrupt offset
412
01100 11100
IVOR13
Data TLB error interrupt offset
413
01100 11101
IVOR14
Instruction TLB error interrupt
offset
414
01100 11110
IVOR15
Debug interrupt offset
415
01100 11111
IVPR
Interrupt vector
63
00001 11111
Read/Write
Yes
6.7.1.6/6-19
LR
Link register
8
00000 01000
Read/Write
No
6.4.2/6-11
PID
Process ID register 2
48
00001 10000
Read/Write
Yes
6.12.1/6-34
PIR
Processor ID register
286
01000 11110
Read-only
Yes
6.5.2/6-14
PVR
Processor version register
287
01000 11111
Read-only
Yes
6.5.3/6-14
SPRG0
SPR general 0
272
01000 10000
Read/Write
Yes
6.8/6-24
SPRG1
SPR general 1
273
01000 10001
Read/Write
Yes
SPRG2
SPR general 2
274
01000 10010
Read/Write
Yes
SPRG3
SPR general 3
259
01000 00011
Read-only
No3
275
01000 10011
Read/Write
Yes
SPRG4
SPR general 4
260
01000 00100
Read-only
No
276
01000 10100
Read/Write
Yes
Table 6-1. Book E Special-Purpose Registers (by SPR Abbreviation) (continued)
SPR
Abbreviatio
n
Name
Defined SPR Number
Access
Superviso
r Only
Section/
Page
Decimal
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com