Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1302 page
background image
Processor Control Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-11
The bits of CR0 are interpreted as described in Table 6-5.
6.4.2
Link Register (LR)
6.4.3
Count Register (CTR)
6.5
Processor Control Registers
This section addresses machine state, processor ID, and processor version registers.
Table 6-5. CR0 Bit Descriptions
CR Bit
Name
Description
32
Negative (LT)
Bit 32 of the result is equal to 1.
33
Positive (GT)
Bit 32 of the result is equal to 0 and at least one bit from 33–63 of the result is
non-zero.
34
Zero (EQ)
Bits 32–63 of the result are equal to 0.
35
Summary overflow (SO) This is a copy of the final state of XER[SO] at the completion of the instruction.
32
63
Field
Link address
Reset
All zeros
R/W
R/W
SPR
SPR 8
Figure 6-4. Link Register (LR)
32
63
Field
Count value
Reset
All zeros
R/W
R/W
SPR
SPR 9
Figure 6-5. Count Register (CTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com