Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 1302 page
background image
Timer Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-15
6.6
Timer Registers
6.6.1
Timer Control Register (TCR)
32 33 34 35
36
37
38 39
40
41
42 43
46 47
50 51
63
Field WP WRC WIE DIE
FP
FIE ARE —
WPEXT
FPEXT
—
Reset
All zeros
R/W
R/W
SPR
SPR 340
Figure 6-10. Timer Control Register (TCR)
Table 6-8. TCR Field Descriptions
Bits
Name
Description
32–33
WP
Watchdog timer period. When concatenated with WPEXT, specifies one of 64-bit locations of the time base
used to signal a watchdog timer exception on a transition from 0 to 1.
WPEXT[0–3] || WP[0–1] = 0b00_0000 selects TBU[32] (the msb of the TB)
WPEXT[0–3] || WP[0–1] = 0b11_1111 selects TBL[63] (the lsb of the TB)
34–35
WRC
Watchdog timer reset control. This value is written into TSR[WRS] when a watchdog event occurs. WRC may
be set by software but cannot be cleared by software, except by a software-induced reset. Once written to a
non-zero value, WRC may no longer be altered by software.
00 No watchdog timer reset will occur.
01 A second timeout is ignored, regardless of the value of MSR[ME].
10 Assert processor reset output (core_hreset_req) on second timeout of watchdog timer
11 Reserved
36
WIE
Watchdog timer interrupt enable
0 Watchdog timer interrupts disabled
1 Watchdog timer interrupts enabled
37
DIE
Decrementer interrupt enable
0 Decrementer interrupts disabled
1 Decrementer interrupts enabled
38–39
FP
Fixed interval timer period. When concatenated with FPEXT, FP specifies one of 64 bit locations of the time
base used to signal a fixed-interval timer exception on a transition from 0 to 1.
FPEXT[0–3] || FP[0–1] = 0b00_0000 selects TBU[32] (the msb of the TB)
FPEXT[0–3] || FP[0–1] = 0b11_1111 selects TBL[63] (the lsb of the TB)
40
FIE
Fixed interval interrupt enable
0 Fixed interval interrupts disabled
1 Fixed interval interrupts enabled
41
ARE
Auto-reload enable. Controls whether the DECAR value is reloaded into the DEC when the DEC value reaches
0000_0001. See EREF: A Reference for Freescale Semiconductor Book E and the e500 Core.
0 Auto-reload disabled
1 Auto-reload enabled
42
—
Reserved, should be cleared.
43–46 WPEXT Watchdog timer period extension (see the description for WP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com