Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 263 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1302 page
background image
Processor Control Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-13
48
EE
External enable
0 External input, decrementer, fixed-interval timer, and performance monitor interrupts are disabled.
1 External input, decrementer, fixed-interval timer, and performance monitor interrupts are enabled.
49
PR
User mode (problem state)
0 The processor is in supervisor mode, can execute any instruction, and can access any resource (for
example, GPRs, SPRs, and the MSR).
1 The processor is in user mode, cannot execute any privileged instruction, and cannot access any
privileged resource.
PR also affects memory access control
50
—
Reserved, should be cleared. 1
51
ME
Machine check enable
0 Machine check interrupts are disabled.
1 Machine check interrupts are enabled.
52
—
Reserved, should be cleared. 1
53
UBLE In the e500, it is the user BTB lock enable bit.
0 Execution of the BTB lock instructions for user mode is disabled; privileged instruction exception
taken instead.
1 Execution of the BTB lock instructions for user mode is enabled.
54
DE
Debug interrupt enable
0 Debug interrupts are disabled.
1 Debug interrupts are enabled if DBCR0[IDM] = 1.
See the description of the DBSR[UDE] in Section 6.13.2, “Debug Status Register (DBSR).”
55–57
—
Reserved, should be cleared. 1
58
IS
Instruction address space
0 The processor directs all instruction fetches to address space 0 (TS = 0 in the relevant TLB entry).
1 The processor directs all instruction fetches to address space 1 (TS = 1 in the relevant TLB entry).
59
DS
Data address space
0 The processor directs data memory accesses to address space 0 (TS = 0 in the relevant TLB entry).
1 The processor directs data memory accesses to address space 1 (TS = 1 in the relevant TLB entry).
60
—
Reserved, should be cleared. 1
61
PMM Performance monitor mark bit (defined by the EIS). System software can set PMM when a marked
process is running to enable statistics to be gathered only during execution of the marked process.
MSR[PR] and MSR[PMM] together define a state that the processor (supervisor or user) and the
process (marked or unmarked) may be in at any time. If this state matches an individual state specified
in the PMLCax, the state for which monitoring is enabled, counting is enabled.
62–63
—
Preserved for OEA-defined RI and LE, respectively
1 An MSR bit that is reserved may be altered by a return from interrupt instruction.
Table 6-6. MSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com