Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 264 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 264 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-14
Freescale Semiconductor
Core Register Summary
6.5.2
Processor ID Register (PIR)
6.5.3
Processor Version Register (PVR)
6.5.4
System Version Register (SVR)
32
63
Field
Processor ID
Reset
All zeros
R/W
Read only
SPR
SPR 286
Figure 6-7. Processor ID Register (PIR)
32
47 48
63
Field
Version
Revision
Reset
0x8020_nnnn
R/W
Read only
SPR
SPR 287
Figure 6-8. Processor Version Register (PVR)
Table 6-7. PVR Field Descriptions
Bits
Name
Description
32–47
Version
A 16-bit number that identifies the version of the processor. Different version numbers indicate
major differences between processors, such as which optional facilities and instructions are
supported.
48–63 Revision A 16-bit number that distinguishes between implementations of the version. Different revision
numbers indicate minor differences between processors having the same version number, such as
clock rate and engineering change level.
32
63
Field
System version
Reset
SoC-dependent value: 0x8030_nnnn
R/W
Read only
SPR
SPR 1023
Figure 6-9. System Version Register (SVR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com