Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 266 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-16
Freescale Semiconductor
Core Register Summary
6.6.2
Timer Status Register (TSR)
47–50
FPEXT
Fixed-interval timer period extension (see the description for FP)
51–63
—
Reserved, should be cleared.
32
33
34
35
36
37
38
63
Field ENW WIS
WRS
DIS
FIS
—
Reset
All zeros
R/W Set by hardware. Read with mfspr and cleared with mtspr by writing ones to any TSR bit positions to be cleared
and zeros in all other bit positions.
SPR
SPR 336
Figure 6-11. Timer Status Register (TSR)
Table 6-9. TSR Field Descriptions
Bits
Name
Description
32
ENW Enable next watchdog time. Functions as write-one-to-clear.
0 Action on next watchdog timer time-out is to set TSR[ENW]
1 Action on next watchdog timer time-out is governed by TSR[WIS]
When a watchdog timer time-out occurs while WIS = 0 and the next watchdog time-out is enabled
(ENW = 1), a watchdog timer exception is generated and logged by setting WIS. This is referred to as
a watchdog timer first time out. A watchdog timer interrupt occurs if enabled by TCR[WIE] and
MSR[CE]. To avoid another watchdog timer interrupt once MSR[CE] is reenabled, (assuming
TCR[WIE] is not cleared instead), the interrupt handler must reset TSR[WIS].
33
WIS
Watchdog timer interrupt status. Functions as write-one-to-clear.
0 A watchdog timer event has not occurred.
1 A watchdog timer event occurred. When MSR[CE] = 1 and TCR[WIE] = 1, a watchdog timer
interrupt is taken.
See the description of ENW for more information about how WIS is used.
34–35
WRS
Watchdog timer reset status. Functions as write-one-to-clear. Defined at reset (value = 00). Set to
TCR[WRC] when a reset is caused by the watchdog timer.
36
DIS
Decrementer interrupt status. Functions as write-one-to-clear.
0 A decrementer event has not occurred.
1 A decrementer event occurred. When MSR[EE] = TCR[DIE] = 1, a decrementer interrupt is taken.
37
FIS
Fixed-interval timer interrupt status. Functions as write-one-to-clear.
0 A fixed-interval timer event has not occurred.
1 A fixed-interval timer event occurred. When MSR[EE] = 1 and TCR[FIE] = 1, a fixed-interval timer
interrupt is taken.
38–63
—
Reserved, should be cleared.
Table 6-8. TCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com