Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-12
Freescale Semiconductor
Core Register Summary
6.5.1
Machine State Register (MSR)
32
36
37
38
39
44
45
46
47
48
49
50
51
52
53
54
55
57 58
59
60
61
62 63
Field
—
UCLE SPE
—
WE CE — EE PR — ME
—
UBLE DE
—
IS DS — PMM
—
Reset
All zeros
R/W
R/W
Figure 6-6. Machine State Register (MSR)
Table 6-6. MSR Field Descriptions
Bits
Name
Description
32–36
—
Reserved, should be cleared.1
37
UCLE User-mode cache lock enable (defined by the EIS). Used to restrict user-mode cache-line locking by
the operating system
0 Any cache lock instruction executed in user-mode takes a cache-locking DSI exception and sets
either ESR[DLK] or ESR[ILK]. This allows the operating system to manage and track the
locking/unlocking of cache lines by user-mode tasks.
1 Cache-locking instructions can be executed in user-mode and they do not take a DSI for
cache-locking (they may still take a DSI for access violations though).
38
SPE
SPE enable (defined by the EIS)
0 If software attempts to execute an SPE APU or SPFP instruction, an SPE APU unavailable
exception is taken.
1 Software can execute supported SPE and SPFP APU instructions.
Note: The SPE APU and SPFP APU functionality will be implemented in the all PowerQUICC III
devices. However, these instructions will not be supported in devices subsequent to PowerQUICC III.
Freescale Semiconductor strongly recommends that use of these instructions be confined to libraries
and device drivers. Customer software that uses SPE or SPFP APU instructions at the assembly level
or that uses SPE intrinsics will require rewriting for upward compatibility with next generation
PowerQUICC devices.
Freescale Semiconductor offers a libmoto_e500 library that uses SPE and SPFP APU instructions.
Freescale will also provide future libraries to support next-generation PowerQUICC devices.
39–44
—
Reserved, should be cleared. 1
45
WE
Wait state enable. Allows the core complex to signal a request for power management, according to
the states of HID0[DOZE], HID0[NAP], and HID0[SLEEP].
0 The processor is not in wait state and continues processing. No power management request is
signaled to external logic.
1 The processor enters wait state by ceasing to execute instructions and entering low-power mode.
Details of how wait state is entered and exited and how the processor behaves in the wait state are
implementation-dependent. On the e500, MSR[WE] gates the DOZE, NAP, and SLEEP outputs
from the core complex; as a result, these outputs negate to the external power management logic
on entry to the interrupt and then return to their previous state on return from the interrupt. WE is
cleared on entry to any interrupt and restored to its previous state upon return.
46
CE
Critical enable
0 Critical input and watchdog timer interrupts are disabled.
1 Critical input and watchdog timer interrupts are enabled.
47
—
Preserved for Book III ILE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com