Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 180 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 180 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
3-12
Freescale Semiconductor
Signal Descriptions
LWE[2:3]/
LSDDQM[2:3]/
LBS[2:3]
LBC write enable/byte
lane data mask/byte
select 2–3
LBC
cfg_host_agt0
cfg_host_agt1
2O
13-1/13-5
MA[0:14]
DDR address
DDR memory
—
15
O
9-3/9-5
MBA[0:1]
DDR bank select
DDR memory
—
2
O
9-3/9-5
MCAS
DDR column address
strobe
DDR memory
—
1
O
9-3/9-5
MCKE[0:1]
DDR clock enable
DDR memory
—
2
O
9-4/9-8
MCK[0:5], MCK[0:5] DDR differential clocks (3
pairs/DIMM)
DDR memory
—
12
O
9-4/9-8
MCP
Machine check processor
PIC
—
1
I
10-6/10-8
MCS[0:3]
DDR chip select
(2/DIMM)
DDR memory
—
4
O
9-3/9-5
MDM8
DDR ECC data mask
DDR memory
—
1
O
9-3/9-5
MDM[0:7]
DDR data mask
DDR memory
—
8
O
9-3/9-5
MDQS8
DDR ECC data strobe
DDR memory
—
1
I/O
9-3/9-5
MDQS[0:7]
DDR data strobe
DDR memory
—
8
I/O
9-3/9-5
MDQ[0:63]
DDR data
DDR memory
—
64
I/O
9-3/9-5
MDVAL
Memory debug data valid
Debug
—
1
O
20-2/20-6
MECC[0:7]
DDR error correcting
code
DDR memory
—
8
I/O
9-3/9-5
MRAS
DDR row address strobe
DDR memory
—
1
O
9-3/9-5
MSRCID[0:1]
Memory debug source
port ID 0–1
Debug
cfg_mem_debug
cfg_ddr_debug
2O
9-6/9-10
MSRCID[2:4]
Memory debug source
port ID 2–4
Debug
—
3
O
20-2/20-6
MSYNC_IN,
MSYNC_OUT
DDR DLL
synchronization in/out
DDR memory
—
2
I/O
9-4/9-8
MWE
DDR write enable
DDR memory
—
1
O
9-3/9-5
PCI_ACK64
PCI acknowledge 64
PCI/X
—
1
I/O
16-2/16-8
PCI_AD[63:0]
PCI address/data
PCI/X
—
64
I/O
16-2/16-8
PCI_C/BE[7:0]
PCI command/byte
enable
PCI/X
—
8
I/O
16-2/16-8
PCI_DEVSEL
PCI device select
PCI/X
—
1
I/O
16-2/16-8
PCI_FRAME
PCI frame
PCI/X
—
1
I/O
16-2/16-8
PCI_GNT0
PCI grant 0
PCI/X
—
1
I/O
16-2/16-8
Table 3-2. MPC8540 Alphabetical Signal Reference (continued)
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com