Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
3-16
Freescale Semiconductor
Signal Descriptions
3.3
Output Signal States During Reset
When a system reset is recognized (HRESET is asserted), the MPC8540 aborts all current internal
and external transactions and releases all bidirectional I/O signals to a high-impedance state. See
Chapter 4, “Reset, Clocking, and Initialization,” for a complete description of the reset
functionality.
Table 3-3. MPC8540 Reset Configuration Signals
Functional
Interface
Functional Signal
Name
Reset Configuration
Name
Default
PCI
PCI_REQ64
cfg_pci_width
1
PCI_GNT4
cfg_pci_mode
1
PCI_GNT3
cfg_pci_debug
1
PCI_GNT2
cfg_pci_arbiter
1
PCI_GNT1
cfg_pci_impd
1
Ethernet
Management
EC_MDC
cfg_tsec_reduce
1
TSEC1
TSEC1_TXD7
cfg_tsec1
1
TSEC1_TXD[6:4]
cfg_rom_loc[0:2]
111
TSEC2
TSEC2_TXD7
cfg_tsec2
1
TSEC2_TXD[6:5]
cfg_lb_hold[0:1]
11
TSEC2_TXD[4:2]
cfg_dev_ID[7:5]
111
LBC
LA27
cfg_cpu_boot
1
LA[28:31]
cfg_sys_pll[0:3]
Must be driven
LWE[0:1]/LBS[0:1]
cfg_pci_hold[0:1]
11
LWE[2:3]/LBS[2:3]
cfg_host_agt0
cfg_host_agt1
11
LALE
cfg_core_pll0
Must be driven
LGPL0/LSDA10
cfg_rio_clk0
1
LGPL1/LSDWE
cfg_rio_clk1
1
LGPL2/LOE/LSDRAS
cfg_core_pll1
Must be driven
LGPL3/LSDCAS
cfg_boot_seq0
1
LGPL5/LSDAMUX
cfg_boot_seq1
1
LAD[0:31]
cfg_gpporcr
Indeterminate if not
driven (no default)
Debug
MSRCID0
cfg_mem_debug
1
MSRCID1
cfg_ddr_debug
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com