Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-1
Chapter 4
Reset, Clocking, and Initialization
This chapter describes the reset, clocking, and some overall initialization of the MPC8540,
including a definition of the reset configurations signals and the options they select. Additionally,
the configuration, control, and status registers are described. Note that chapters in this book
describe specific initialization aspects for individual blocks.
4.1
Overview
The reset, clocking, and control signals provide many options for the operation of the MPC8540.
Additionally, many modes are selected with reset configuration signals during the assertion of a
hard reset (assertion of HRESET).
4.2
External Signal Descriptions
Table 4-1 summarizes the external signals described in this chapter. Table 4-2 and Table 4-3 have
detailed signal descriptions, but Table 4-1 contains references to additional sections that contain
more information.
The following sections describe the reset and clock signals in detail.
Table 4-1. Signal Summary
Signal
I/O
Description
References
(Section/Page)
HRESET
I
Hard reset input. Causes a power-on reset (POR) sequence
4.4.1.2/4-9
HRESET_REQ
O
Hard reset request output. An internal block requests that
HRESET be asserted
—
SRESET
I
Soft reset input. Causes mcp assertion to the core
4.4.1.1/4-9
READY
O
The MPC8540 has completed the reset operation and is not in a
power-down (nap, doze or sleep) or debug state.
4.4.2/4-9
SYSCLK
I
Primary clock input to the MPC8540
4.4.4.1/4-23
RTC
I
Real time clock input
4.4.4.4/4-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com