Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1302 page
background image
Output Signal States During Reset
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-17
During reset, the MPC8540 ignores most input signals (except for the reset configuration signals)
and drives most of the output-only signals to an inactive state. Table 3-4 shows the states of the
output-only signals (that is, the signals that are not multiplexed with other inputs, or are not used
as reset configuration signals during system reset).
Table 3-4. Output Signal States During System Reset
Interface
Signal
State During Reset
DDR Memory
MDM[0:8]
High-Z
DDR Memory
MBA[0:1]
High-Z
DDR Memory
MA[0:14]
High-Z
DDR Memory
MWE
High-Z
DDR Memory
MRAS
High-Z
DDR Memory
MCAS
High-Z
DDR Memory
MCS[0:3]
High-Z
DDR Memory
MCKE[0:1]
Driven Low
DDR Memory
MCK[0:5], MCK[0:5]
High-Z
RapidIO
RIO_TCLK, RIO_TCLK
Driven (toggling)
RapidIO
RIO_TD[0:7], RIO_TD[0:7]
High-Z
RapidIO
RIO_TFRAME, RIO_TFRAME
High-Z
TSEC1
TSEC1_TXD[3:0]
Input—reset config (test only)
TSEC1
TSEC1_TX_EN
Driven Low
TSEC1
TSEC1_TX_ER
High-Z
TSEC1
TSEC1_GTX_CLK
High-Z
TSEC2
TSEC2_TXD[1:0]
High-Z
TSEC2
TSEC2_TX_EN
Driven Low
TSEC2
TSEC2_TX_ER
High-Z
TSEC2
TSEC2_GTX_CLK
High-Z
FEC
FEC_TXD[0:3]
High-Z
FEC
FEC_TX_EN
Driven Low
FEC
FEC_TX_ER
High-Z
LBC
LCLK[0:2]
High-Z
LBC
LCS[0:5]
High-Z
LBC
DMA_DACK2/LCS6
DMA_DDONE2/LCS7
High-Z
LBC
LBCTL
Input—reset config (test only)
DMA
DMA_DACK[0:1]
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com