Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1302 page
background image
Signals Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-13
PCI_GNT[4:1]
PCI grant 4–1
PCI/X
cfg_pci_mode
cfg_pci_debug
cfg_pci_arbiter
cfg_pci_impd
4O
16-2/16-8
PCI_IDSEL
PCI initial device select
PCI/X
—
1
I
16-2/16-8
PCI_IRDY
PCI initiator ready
PCI/X
—
1
I/O
16-2/16-8
PCI_PAR
PCI parity
PCI/X
—
1
I/O
16-2/16-8
PCI_PAR64
PCI parity 64
PCI/X
—
1
I/O
16-2/16-8
PCI_PERR
PCI parity error
PCI/X
—
1
I/O
16-2/16-8
PCI_REQ0
PCI request 0
PCI/X
—
1
I/O
16-2/16-8
PCI_REQ64
PCI request 64
PCI/X
cfg_pci_width
1
I/O
16-2/16-8
PCI_REQ[4:1]
PCI request 4–1
PCI/X
—
4
I
16-2/16-8
PCI_SERR
PCI system error
PCI/X
—
1
I/O
16-2/16-8
PCI_STOP
PCI stop
PCI/X
—
1
I/O
16-2/16-8
PCI_TRDY
PCI target ready
PCI/X
—
1
I/O
16-2/16-8
READY
Device ready
System control
TRIG_OUT
1
O
4-2/4-2
RIO_RCLK,
RIO_RCLK
RapidIO receive clocks
RapidIO
—
2
I
17-5/17-8
RIO_RD[0:7],
RIO_RD[0:7]
RapidIO receive data
RapidIO
—
16
I
17-5/17-8
RIO_RFRAME,
RIO_RFRAME
RapidIO receive frame
RapidIO
—
2
I
17-5/17-8
RIO_TCLK,
RIO_TCLK
RapidIO transmit clock
RapidIO
—
2
O
17-5/17-8
RIO_TD[0:7],
RIO_TD[0:7]
RapidIO transmit data
RapidIO
—
16
O
17-5/17-8
RIO_TFRAME,
RIO_TFRAME
RapidIO transmit frame
RapidIO
—
2
O
17-5/17-8
RIO_TX_CLK_IN
RIO_TX_CLK_IN
RapidIO transmit clock in
RapidIO
—
2
I
17-5/17-8
RTC
Real time clock
Clock
—
1
I
4-3/4-3
SRESET
Soft reset
System control
—
1
I
4-2/4-2
SYSCLK
System clock/PCI clock
Clock
—
1
I
4-3/4-3
TCK
Test clock
JTAG
—
1
I
20-2/20-6
TDI
Test data in
JTAG
—
1
I
20-2/20-6
TDO
Test data out
JTAG
—
1
O
20-2/20-6
Table 3-2. MPC8540 Alphabetical Signal Reference (continued)
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com