Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 1302 page
background image
Configuration Signals Sampled at Reset
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-15
3.2
Configuration Signals Sampled at Reset
The signals that serve alternate functions as configuration input signals during system reset are
summarized in Table 3-3. The detailed interpretation of their voltage levels during reset is
described in Chapter 4, “Reset, Clocking, and Initialization.”
Note that throughout this document, the reset configuration signals are described as being sampled
at the negation of HRESET. However, there is a setup and hold time for these signals relative to
the rising edge of HRESET, as described in the MPC8540 Integrated Processor Hardware
Specifications. Note that the PLL configuration signals have different setup and hold time
requirements than the other reset configuration signals.
The reset configuration signals are multiplexed with other functional signals. The values on these
signals during reset are interpreted to be logic one or zero, regardless of whether the functional
signal name is defined as active-low. Most of the reset configuration signals have internal pull-up
resistors so that if the signals are not driven, the default value is high (a one), as shown in the table.
Some signals do not have pull-up resistors and must be driven high or low during the reset period.
For details about all the signals that require external pull-up resistors, see the MPC8540 Integrated
Processor Hardware Specifications.
Note that the multiplexing of various signals on the MPC8540 is controlled by the PMUXCR
register described in Chapter 18, “Global Utilities.”
TSEC2_TXD[6:5]
TSEC2 transmit data 6–5
TSEC2
cfg_lb_hold[0:1]
2
O
14-3/14-14
TSEC2_TXD7
TSEC2 transmit data 7
TSEC2
cfg_tsec2
1
O
14-3/14-14
TSEC2_TX_CLK
TSEC2 transmit clock in
TSEC2
—
1
I
14-3/14-14
TSEC2_TX_EN
TSEC2 transmit enable
TSEC2
—
1
O
14-3/14-14
TSEC2_TX_ER
TSEC2 transmit error
TSEC2
—
1
O
14-3/14-14
UART_CTS[0:1]
DUART clear to send
Dual UART
—
2
I
12-2/12-4
UART_RTS[0:1]
DUART ready to send
Dual UART
—
2
O
12-2/12-4
UART_SIN[0:1]
DUART serial data in
Dual UART
—
2
I
12-2/12-4
UART_SOUT[0:1]
DUART serial data out
Dual UART
—
2
O
12-2/12-4
UDE
Unconditional debug
event
PIC
—
1
I
10-6/10-8
Table 3-2. MPC8540 Alphabetical Signal Reference (continued)
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com