Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-3
4.2.2
Clock Signals
Table 4-3 describes the overall clock signals of the MPC8540. Note that some clock signals are
specific to blocks within the MPC8540, and although some of their functionality is described in
Section 4.4.4, “Clocking,” they are defined in detail in their respective chapters.
Note that there is also a CLK_OUT signal in the MPC8540; the signal driven on the CLK_OUT
pin is selectable and described in Section 18.4.1.16, “Clock Out Control Register (CLKOCR).”
4.3
Memory Map/Register Definition
This section describes the configuration and control registers that control access to the
configuration space and to the boot code as well as guidelines for accessing these regions. It also
contains a brief description of the boot sequencer which may be used to initialize configuration
registers or memory before the CPU is released to boot.
4.3.1
Local Configuration Control
Table 4-4 shows the memory map for the configuration, control, and status registers.
Table 4-3. Clock Signals—Detailed Signal Descriptions
Signal
I/
O
Description
SYSCL
K
I
System clock/PCI clock (SYSCLK/PCI_CLK). SYSCLK is the primary clock input to the MPC8540. It is
the clock source for the e500 core and for all devices and interfaces that operate synchronously with the
core. Multiplied up with a phased-lock loop (PLL) to create the core complex bus (CCB) clock (also called
the platform clock) which is used by virtually all of the synchronous system logic, include the L2 cache,
the DDR SDRAM and local bus memory controllers, and other internal blocks such as the DMA and
interrupt controllers. The CCB clock, in turn, feeds the PLL in the e500 core and the DLLs that create the
DDR SDRAM and local bus memory clocks.
When the PCI/PCI-X interface is used, SYSCLK also functions as the PCI_CLK signal. Note that this is
true whether the MPC8540 is in agent or host mode. The MPC8540 does not provide a separate
PCI_CLK output in host mode.
Timing Assertion/Negation—See the MPC8540 Integrated Processor Hardware Specifications for
specific timing information for this signal.
RTC
I
Real time clock. May be used (optionally) to clock the time base of the e500 core. The maximum input
frequency should not exceed 1/8th the core frequency. See Section 4.4.4.4, “Real Time Clock.” This
signal can also be used (optionally) to clock the global timers in the programmable interrupt controller
(PIC).
Timing Assertion/Negation—See the MPC8540 Integrated Processor Hardware Specifications for
specific timing information for this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com