Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-7
Table 4-7 defines ALTCAR fields.
4.3.1.3
Boot Page Translation
When the e500 core comes out of reset, its MMU has one 4-Kbyte page defined at 0xFFFF_Fnnn.
The first instruction executed by the e500 core is always address 0xFFFF_FFFC, which must be
a branch to an address within the 4-Kbyte boot page. For systems in which the boot code resides
at a different address, the MPC8540 provides boot page translation capability. Boot page
translation is controlled by the boot page translation register (BPTR). If enabled, this translation
affects CPU accesses to address range 0xFFFF_Fnnn.
The boot sequencer can enable boot page translation, or the boot page translation can be enabled
by an external host when the MPC8540 is configured to be in boot holdoff mode. If translation is
performed to a page outside of the default boot ROM address range defined in the MPC8540
(8 Mbytes at 0xFF80_0000 to 0xFFFF_FFFF as defined in Section 4.4.3.3, “Boot ROM
Location”), the external host or boot sequencer must also set up a local access window to define
the routing of the boot code fetch to the target interface that contains the boot code because the
BPTR defines only the address translation, not the target interface. See Section 2.1, “Local
Memory Map Overview and Example,” and Section 11.4.5, “Boot Sequencer Mode,” for more
information.
Table 4-7. ALTCAR Field Descriptions
Bits
Name
Description
0
EN
Enable for a second configuration window. Like CCSRBAR, it has a fixed size of 1 Mbyte.
0 Second configuration window is disabled
1 Second configuration window is enabled
1–7
—
Write reserved, read = 0
8–11
TRGT_ID Identifies the device ID to target when a transaction hits in the 1-Mbyte address range defined by
the second configuration window.
0000 PCI/PCI-X interface
0001 Reserved
0010 Reserved
0011 Reserved
0100 Local bus controller
0101–0111Reserved
1000 Configuration, control, and status registers
1001–1011Reserved
1100 RapidIO
1101 Reserved
1110 Reserved
1111 Local memory —DDR SDRAM and on-chip SRAM
12–31
—
Write reserved, read = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com