Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-9
4.4.1.1
Soft Reset
Assertion of SRESET causes a machine check interrupt to the e500 core. When this occurs, the
soft reset flag is recorded in the machine check summary register (MCPSUMR) in the global
utilities block so that software can identify the machine check as a soft reset condition. See the
PowerPC™ e500 Core Complex Reference Manual for more information on the machine check
interrupt, and Section 18.4.1.13, “Machine Check Summary Register (MCPSUMR),” for more
information on the setting of the soft reset flag. Note that if SRESET is asserted before the e500
core is configured to handle a machine check interrupt, a core checkstop condition occurs, which
causes CKSTP_OUT to assert.
4.4.1.2
Hard Reset
The MPC8540 can be completely reset by the assertion of the HRESET input. The assertion of this
signal by external logic is the equivalent of a POR and causes the sequence of events described in
Section 4.4.2, “Power-On Reset Sequence.”
Refer to the MPC8540 Integrated Processor Hardware Specifications for the timing requirements
for HRESET assertion and negation.
The MPC8540 hard reset request output signal (HRESET_REQ) indicates to external logic that a
hard reset is being requested by hardware or a RapidIO device. Hardware causes this signal to
assert for a boot sequencer failure (see Section 11.4.5, “Boot Sequencer Mode,” and
Section 11.4.5.2, “EEPROM Data Format,”) or when the e500 watchdog timer is configured to
cause a reset request when it expires. A RapidIO device causes this signal to assert if it sends four
consecutive RapidIO link maintenance reset commands without any other intervening packets or
control symbols, except idle control symbols (see Section 17.4.1, “RapidIO Transaction, Packet,
and Control Symbol Summary,” for details of RapidIO transaction types).
4.4.2
Power-On Reset Sequence
The POR sequence for the MPC8540 is as follows:
1. Power is applied to meet the specifications in the MPC8540 Integrated Processor
Hardware Specifications.
2. System asserts HRESET and TRST causing all registers to be initialized to their default
states and most I/O drivers to be three-stated (some clock, clock enabled, and system
control signals are active).
3. System applies a stable SYSCLK signal and stable PLL configuration inputs, and the
device PLL begins locking to SYSCLK.
4. System negates HRESET after its required hold time and after POR configuration inputs
have been valid for at least 4 SYSCLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com