Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-6
Freescale Semiconductor
Reset, Clocking, and Initialization
NOTE
The enable bit in the ALTCAR register should be cleared either by the
boot sequencer or by the boot code that executes after the boot
sequencer has completed its configuration operations. This prevents
problems with incorrect mappings if subsequent configuration of the
local access windows uses a different target mapping for the address
specified in ALTCBAR.
4.3.1.2.1
Alternate Configuration Base Address Register (ALTCBAR)
Figure 4-2 shows the fields of ALTCBAR.
Figure 4-2. Alternate Configuration Base Address Register (ALTCBAR)
Table 4-6 defines the bit fields of ALTCBAR.
4.3.1.2.2
Alternate Configuration Attribute Register (ALTCAR)
Figure 4-3 shows the fields of ALTCAR.
Figure 4-3. Alternate Configuration Attribute Register (ALTCAR)
0
1112
2324
31
R 0
0
000
0
000
0
0
0
BASE_ADDR
000
0000
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x008
Table 4-6. ALTCBAR Field Descriptions
Bits
Name
Description
0–11
—
Write reserved, read = 0
12–23 BASE_ADDR Identifies the12 most-significant address bits of an alternate window used for configuration
accesses.
24–31
—
Write reserved, read = 0
0
1
2
3
4567
8
11
12
30 31
R
EN
0
0
0
0000
TRGT_ID
000
00
00
00
00
00
000
00
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com