Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-5
– Perform a load of an address that does not access configuration space or the on-chip
SRAM, but has an address mapping already in effect (for example, boot ROM).
Follow this load with an isync.
– Read the contents of CCSRBAR from its new location, followed by another isync
instruction.
4.3.1.1.2
Configuration, Control, and Status Base Address Register
(CCSRBAR)
Figure 4-1 shows the fields of CCSRBAR.
Figure 4-1. Configuration, Control, and Status Register Base Address Register
(CCSRBAR)
Table 4-5 defines the bit fields of CCSRBAR.
4.3.1.2
Accessing Alternate Configuration Space
An alternate configuration space can be accessed by configuring the ALTCBAR and ALTCAR
registers. These are intended to be used with the boot sequencer to allow the boot sequencer to
access an alternate 1-Mbyte region of configuration space. By loading the proper boot sequencer
command in the serial ROM the base address in the ALTCBAR can be combined with the 20 bits
of address offset supplied from the serial ROM to generate a 32-bit address that is mapped to the
target specified in ALTCAR. Thus, by configuring these registers, the boot sequencer has access
to the entire memory map, one 1-Mbyte block at a time. See Section 11.4.5, “Boot Sequencer
Mode,” for more information.
0
1
2
3
4
5
6
7
8
9
10 11 12
2324 25 26 27 28293031
R 000 0
0 0 0 0
000
0
BASE_ADDR
000 00000
W
Reset
0000_0000_0000_1111_1111_0111_0000_0000
Offset
0x000
Table 4-5. CCSRBAR Field Descriptions
Bits
Name
Description
0–11
—
Write reserved, read = 0
12–23 BASE_ADDR Identifies the12 most-significant address bits of the window used for configuration accesses.
The base address is aligned on a 1-Mbyte boundary.
24–31
—
Write reserved, read = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com