Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-4
Freescale Semiconductor
Reset, Clocking, and Initialization
4.3.1.1
Accessing Configuration, Control, and Status Registers
The configuration, control, and status registers are memory mapped. The set of configuration,
control, and status registers occupies a 1-Mbyte region of memory. Their location is programmable
using the CCSR base address register (CCSRBAR). The default base address for the
configuration, control, and status registers is 0xFF70_0000 (CCSRBAR = 0x000F_F700).
CCSRBAR itself is part of the local access block of CCSR memory, which begins at offset 0x0
from CCSRBAR. Because CCSRBAR is at offset 0x0 from the beginning of the local access
registers, CCSRBAR always points to itself. The contents of CCSRBAR are broadcast internally
in the MPC8540 to all functional units that need to be able to identify or create configuration
transactions.
4.3.1.1.1
Updating CCSRBAR
Updates to CCSRBAR that relocate the entire 1-Mbyte region of configuration, control, and status
registers, requires special treatment. The effect of the update must be guaranteed to be visible by
the mapping logic before an access to the new location is seen. To make sure this happens, these
guidelines should be followed:
•
CCSRBAR should be updated during initial configuration of the device when only one host
or controller has access to the device.
– If the boot sequencer is being used to initialize, it is recommended that the boot
sequencer set CCSRBAR to its desired final location.
– If an external host on PCI or RapidIO is configuring the device, it should set
CCSRBAR to the desired final location before the e500 core is released to boot.
– If the e500 core is initializing the device, it should set CCSRBAR to the desired final
location before enabling other I/O devices to access the device.
•
When the e500 core is writing to CCSRBAR, it should use the following sequence:
– Read the current value of CCSRBAR using a load word instruction followed by an
isync. This forces all accesses to configuration space to complete.
– Write the new value to CCSRBAR.
Table 4-4. Local Configuration Control Register Map
Local Memory
Offset (Hex)
Register
Access
Reset
Section/Page
0x0_0000
CCSRBAR—Configuration, control, and status registers
base address register
R/W
0x000F_F700
4.3.1.1.2/4-5
0x0_0008
ALTCBAR—Alternate configuration base address register
R/W
0x0000_0000
4.3.1.2.1/4-6
0x0_0010
ALTCAR—Alternate configuration attribute register
R/W
0x0000_0000
4.3.1.2.2/4-6
0x0_0020
BPTR—Boot page translation register
R/W
0x0000_0000
4.3.1.3.1/4-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com