Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-13
4.4.3.2
e500 Core PLL Ratio
Table 4-10 describes the e500 core clock PLL inputs that program the core PLL and establish the
ratio between the e500 core clock and the e500 core complex bus (CCB) clock. There is no default
value for this PLL ratio; these signals must be pulled to the desired values. Note that the values
latched on these signals during POR are accessible through the memory-mapped PORPLLSR, as
described in Section 18.4.1.1, “POR PLL Status Register (PORPLLSR),” and also in the e500 core
HID1 register, as described in Section 6.10.2, “Hardware Implementation-Dependent Register 1
(HID1).”
Table 4-9. CCB Clock PLL Ratio
Functional Signals
Reset Configuration
Name
Value
(Binary)
CCB Clock : SYSCLK Ratio
LA[28:31]
No default
cfg_sys_pll[0:3]
0000
16 : 1
0001
Reserved
0010
2 : 1
0011
3 : 1
0100
4 : 1
0101
5 : 1
0110
6 : 1
0111
Reserved
1000
8 : 1
1001
9 : 1
1010
10 : 1
1011
Reserved
1100
12 : 1
1101
Reserved
1110
Reserved
1111
Reserved
Table 4-10. e500 Core Clock PLL Ratios
Functional Signals
Reset Configuration
Name
Value (Binary)
e500 Core: CCB ClockRatio
LALE, LGPL2
No default
cfg_core_pll[0:1]
00
2 : 1
01
5 : 2 (2.5:1)
10
3 : 1
11
7 : 2 (3.5:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com