Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-15
Note that the values latched on these signals during POR are accessible through the
memory-mapped PORBMSR (POR boot mode status register) described in Section 18.4.1.2,
“POR Boot Mode Status Register (PORBMSR).”
S
NOTE
If the MPC8540 is an agent on a particular interface, and the CPU is
not in holdoff mode (as described in Section 4.4.3.5, “CPU Boot
Configuration”) then the boot ROM should not be located on the
interface where the external host exists, because the MPC8540 is not
enabled to master reads onto that interface.
4.4.3.5
CPU Boot Configuration
The CPU boot configuration input, shown in Table 4-13, specifies the boot configuration mode. If
LA27 is sampled low at reset, the e500 core is prevented from fetching boot code until
configuration by an external master is complete. The external master frees the CPU to boot by
setting EEBPCR[CPU_EN] in the ECM CCB port configuration register (EEBPCR). See
Section 8.2.1.2, “ECM CCB Port Configuration Register (EEBPCR),” for more information.
Note that the values latched on these signals during POR are accessible through the
memory-mapped PORBMSR (POR boot mode status register) described in Section 18.4.1.2,
“POR Boot Mode Status Register (PORBMSR).”
Table 4-12. Host/Agent Configuration
Functional Signals
Reset Configuration
Name
Value
(Binary)
Meaning
LWE[2:3]
Default (11)
cfg_host_agt[0:1]
00
MPC8540 acts as an agent of both a PCI/PCI-X and
a RapidIO device.
01
MPC8540 acts as an agent of a RapidIO host.
10
MPC8540 acts as an agent of a PCI/PCI-X host.
11
MPC8540 acts as the host processor (default).
Table 4-13. CPU Boot Configuration
Functiona
l
Signal
Reset Configuration
Name
Value
(Binary)
Meaning
LA27
Default (1)
cfg_cpu_boot
0
CPU boot holdoff mode. The e500 core is prevented from booting until
configured by an external master.
1
The e500 core is allowed to boot without waiting for configuration by
an external master (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com