Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-14
Freescale Semiconductor
Reset, Clocking, and Initialization
4.4.3.3
Boot ROM Location
The first instruction executed by the e500 core is always address 0xFFFF_FFFC, which must be
a branch to an address within the 4-Kbyte boot page. The MPC8540 defines the default boot ROM
address range to be 8 Mbytes at address 0xFF80_0000 to 0xFFFF_FFFF. However, which on-chip
peripheral handles these boot ROM accesses can be selected at power up.
The boot ROM location inputs, shown in Table 4-11, establish the location of boot ROM. Accesses
to the boot vector and the default boot ROM region of the local address map are directed to the
interface specified by these inputs.
Note that the values latched on these signals during POR are accessible through the
memory-mapped PORBMSR (POR boot mode status register) described in Section 18.4.1.2,
“POR Boot Mode Status Register (PORBMSR).”
See Section 2.1, “Local Memory Map Overview and Example,” for an example memory map that
relies on the default boot ROM values. Also, see Section 4.3.1.3.1, “Boot Page Translation
Register (BPTR),” for information on translation of the boot page. If enabled, this translation only
affects CPU accesses to 0xFFF_Fnnn.
4.4.3.4
Host/Agent Configuration
The host/agent reset configuration inputs, shown in Table 4-12, configure the MPC8540 to act as
a host or as an agent of a master on another interface. In host mode, the MPC8540 is immediately
enabled to master transactions to the RapidIO and PCI interfaces. If the MPC8540 is an agent on
the RapidIO or the PCI interfaces, then the MPC8540 is disabled from mastering transactions on
that interface until the external host enables it to do so. The external host does this by setting the
control registers of the MPC8540’s interfaces appropriately. See details in the PCI and RapidIO
programming models described in Chapter 16, “PCI/PCI-X Bus Interface,” and Chapter 17,
“RapidIO Interface,” respectively.
Table 4-11. Boot ROM Location
Functional Signals
Reset Configuration
Name
Value
(Binary)
Meaning
TSEC1_TXD[6:4]
Default (111)
cfg_rom_loc[0:2]
000
PCI/PCI-X
001
DDR SDRAM
010
Reserved
011
RapidIO
100
Reserved
101
Local bus GPCM—8-bit ROM
110
Local bus GPCM—16-bit ROM
111
Local Bus GPCM—32-bit ROM (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com