Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 204 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 204 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-18
Freescale Semiconductor
Reset, Clocking, and Initialization
4.4.3.10 RapidIO Transmit Clock Source
The RapidIO transmit clock source inputs, shown in Table 4-18, specify the source for the
RapidIO transmit clock. See Section 4.4.4.2, “RapidIO Clocks,” for more information. Note that
the value latched on this signal during POR is accessible through the memory-mapped
PORDEVSR (POR device status register) described in Section 18.4.1.4, “POR Device Status
Register (PORDEVSR).”
4.4.3.11 RapidIO Device ID
The RapidIO device ID inputs, shown in Table 4-19, specify the 3 lower-order bits of the device
ID of the MPC8540 as used by RapidIO hosts. Note that the 5 high-order RapidIO device ID bits
cannot be set via POR configuration inputs. They may be initialized via the boot sequencer or by
the processor from boot ROM or by the RapidIO discovery process.
If configured as a RapidIO host, the upper order device ID bits default to zeros. If configured as a
RapidIO agent, the upper order device ID bits default to ones. Unconnected cfg_dev_IDn inputs
default to 1s regardless of the host/agent mode configuration.
Note that the value latched on this signal at POR is accessible through the memory-mapped
PORDEVSR described in Section 18.4.1.4, “POR Device Status Register (PORDEVSR).”
Table 4-17. TSEC2 Protocol Configuration
Functional
Signal
Reset
Configuration
Name
Value
(Binary
)
Meaning
TSEC2_TXD
7
Default (1)
cfg_tsec2
0
The TSEC2 controller operates using the GMII protocol (or RGMII if
configured in reduced mode as described in Section 4.4.3.7, “TSEC
Width”).
1
The TSEC2 controller operates using the TBI protocol (or RTBI if configured
in reduced mode as described in Section 4.4.3.7, “TSEC Width”) (default).
Table 4-18. RapidIO Transmit Clock Source
Functional
Signals
Reset Configuration
Name
Value
(Binary
)
Meaning
LGPL0,
LGPL1
Default (11)
cfg_rio_clk[0:1]
00
Reserved
01
The RapidIO receive clock is the source of the transmit clock.
10
The RapidIO transmit clock inputs (RIO_TX_CLK_IN and
RIO_TX_CLK) are the source of the transmit clock.
11
The CCB clock is the source of the transmit clock (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com