Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-21
PORDBGMSR (POR debug mode register) described in Section 18.4.1.5, “POR Debug Mode
Status Register (PORDBGMSR).”
4.4.3.18 DDR Debug Configuration
The DDR debug configuration input, shown in Table 4-26, enables a DDR memory controller
debug mode in which the DDR SDRAM source ID field and data valid strobe are driven onto the
ECC pins. ECC checking and generation are disabled in this case. ECC signals driven from the
SDRAMs must be electrically disconnected from the ECC I/O pins of the MPC8540 in this mode.
Note that the value latched on this signal during POR is accessible through the memory-mapped
PORDBGMSR (POR debug mode register) described in Section 18.4.1.5, “POR Debug Mode
Status Register (PORDBGMSR).”
4.4.3.19 PCI/PCI-X Output Hold Configuration
The PCI output hold configuration inputs configure the output hold times for the PCI or PCI-X
output drivers. The meanings are different for PCI and PCI-X because the required hold times are
different in the two specifications. In either mode, the default value will meet the hold times
required by the respective specification. Hold times are adjusted by adding or subtracting buffer
delays to the intrinsic delay of the output driver. Refer to the MPC8540 Integrated Processor
Hardware Specifications for specific timing information. Table 4-27 shows the hold time
configurations for PCI mode, and Table 4-28 shows the hold time configurations for PCI-X mode.
Table 4-25. Memory Debug Configuration
Functional
Signal
Reset Configuration
Name
Value
(Binary)
Meaning
MSRCID0
Default (1)
cfg_mem_debug
0
Debug information from the local bus controller (LBC) is driven on the
MSRCID and MDVAL signals.
1
Debug information from the DDR SDRAM controller is driven on the
MSRCID and MDVAL signals (default).
Table 4-26. DDR Debug Configuration
Functional
Signal
Reset Configuration
Name
Value
(Binary)
Meaning
MSRCID1
Default (1)
cfg_ddr_debug
0
Debug information is driven on the ECC pins instead of normal ECC
I/O. ECC signals from memory devices must be disconnected.
1
Debug information is not driven on ECC pins. ECC pins function in their
normal mode (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com