Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-17
NOTE
While the width of both interfaces is controlled by this one
configuration input, the protocol (TBI or GMII) used by each is
separately controlled with other configuration inputs described in
Section 4.4.3.8, “TSEC1 Protocol,” and Section 4.4.3.9, “TSEC2
Protocol.”
4.4.3.8
TSEC1 Protocol
The TSEC1 protocol input, shown in Table 4-16, selects the protocol (GMII or TBI) used by the
TSEC1 controller. Note that the value latched on this signal during POR is accessible through the
memory-mapped PORDEVSR (POR device status register) described in Section 18.4.1.4, “POR
Device Status Register (PORDEVSR).”
4.4.3.9
TSEC2 Protocol
The TSEC2 protocol input, shown in Table 4-17, selects the protocol (GMII or TBI) used by the
TSEC2 controller. Note that the value latched on this signal during POR is accessible through the
memory-mapped PORDEVSR (POR device status register) described in Section 18.4.1.4, “POR
Device Status Register (PORDEVSR).”
Table 4-15. TSEC Width Configuration
Functiona
l Signal
Reset
Configuration
Name
Value
(Binary)
Meaning
EC_MDC
Default (1)
cfg_tsec_reduce
0
Ethernet interfaces operate in reduced mode, either RTBI or RGMII,
using only four transmit data signals and four receive data signals.
1
Ethernet interfaces operate in their standard TBI or GMII modes using
eight transmit data signals and eight receive data signals (default).
Table 4-16. TSEC1 Protocol Configuration
Functional
Signal
Reset
Configuration
Name
Value
(Binary
)
Meaning
TSEC1_TXD
7
Default (1)
cfg_tsec1
0
The TSEC1 controller operates using the GMII protocol (or RGMII if
configured in reduced mode as described in Section 4.4.3.7, “TSEC
Width”).
1
The TSEC1 controller operates using the TBI protocol (or RTBI if configured
in reduced mode as described in Section 4.4.3.7, “TSEC Width”) (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com