Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-16
Freescale Semiconductor
Reset, Clocking, and Initialization
4.4.3.6
Boot Sequencer Configuration
The boot sequencer configuration options, shown in Table 4-14, allow the boot sequencer to load
configuration data from the serial ROM located on the I2C port before the host tries to configure
the MPC8540. These options also specify normal or extended I
2C addressing modes. See
Section 11.4.5, “Boot Sequencer Mode,” for more information on the boot sequencer.
Note that the values latched on these signals during POR are accessible through the
memory-mapped PORBMSR (POR boot mode status register) described in Section 18.4.1.2,
“POR Boot Mode Status Register (PORBMSR).”
NOTE
When the boot sequencer is enabled, the processor core will be held in
reset and thus prevented from fetching boot code until the boot
sequencer has completed its task, regardless of the state of the CPU
boot configuration signal described in Section 4.4.3.5, “CPU Boot
Configuration.”
4.4.3.7
TSEC Width
The TSEC width input, shown in Table 4-15, selects standard versus reduced width for both of the
three-speed Ethernet controller interfaces. Note that the value latched on this signal during POR
is accessible through the memory-mapped PORDEVSR (POR device status register) described in
Section 18.4.1.4, “POR Device Status Register (PORDEVSR).”
Table 4-14. Boot Sequencer Configuration
Functiona
l Signals
Reset
Configuration
Name
Value
(Binary
)
Meaning
LGPL3,
LGPL5
Default
(11)
cfg_boot_seq[0:1]
00
Reserved
01
Normal I2C addressing mode is used. Boot sequencer is enabled and
loads configuration information from a ROM on the I2C interface. A valid
ROM must be present.
10
Extended I2C addressing mode is used. Boot sequencer is enabled and
loads configuration information from a ROM on the I2C interface. A valid
ROM must be present.
11
Boot sequencer is disabled. No I2C ROM is accessed (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com