Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 205 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 205 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-19
4.4.3.12 PCI Width Configuration
The PCI width configuration input, shown in Table 4-20, configures the PCI/PCI-X interface to
32- or 64-bit extended mode of operation. Note that the value latched on this signal during POR
is accessible through the PORDEVSR described in Section 18.4.1.4, “POR Device Status Register
(PORDEVSR).”
4.4.3.13 PCI I/O Impedance
The PCI I/O impedance input, shown in Table 4-21, selects the impedance of the PCI I/O drivers.
Note that the values latched on these signals during POR are accessible through PORIMPSCR,
described in Section 18.4.1.3, “POR I/O Impedance Status and Control Register (PORIMPSCR).”
4.4.3.14 PCI Arbiter Configuration
The PCI arbiter configuration input, shown in Table 4-22, enables the on-chip PCI/PCI-X arbiter.
Note that the value latched on this signal during POR is accessible through the PORDEVSR
described in Section 18.4.1.4, “POR Device Status Register (PORDEVSR).”
Table 4-19. RapidIO Device ID
Functional Signals
Reset Configuration
Name
Meaning
TSEC2_TXD2
cfg_dev_ID5
Device ID used for RapidIO hosts
TSEC2_TXD3
cfg_dev_ID6
Device ID used for RapidIO hosts
TSEC2_TXD4
cfg_dev_ID7
Device ID used for RapidIO hosts
Table 4-20. PCI-32 Configuration
Functional
Signal
Reset Configuration
Name
Value
(Binary
)
Meaning
PCI_REQ6
4
cfg_pci_width
0
The PCI/PCI-X interface operates as a 64-bit interface.
Default (1)
1
The PCI/PCI-X interface operates as a 32-bit interface (default).
Table 4-21. PCI I/O Impedance
Functional
Signal
Reset Configuration
Name
Value
(Binary)
Meaning
PCI_GNT1
cfg_pci_impd
0
25-
Ω I/O drivers are used on the PCI interface.
Default (1)
1
42-
Ω I/O drivers are used on the PCI interface (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com