Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-20
Freescale Semiconductor
Reset, Clocking, and Initialization
4.4.3.15 PCI Debug Configuration
The PCI debug configuration input, shown in Table 4-23, enables PCI/PCI-X debug mode. In this
mode, source ID information is driven onto the highest order address bits PCI_AD[62:58] during
the bus command phase (PCI) or attribute phase (PCI-X). Note that the value latched on this signal
during POR is accessible through the PORDBGMSR described in Section 18.4.1.5, “POR Debug
Mode Status Register (PORDBGMSR).”
4.4.3.16 PCI-X Configuration
The PCI-X configuration input, shown in Table 4-24, configures PCI or PCI-X mode on the
PCI/PCI-X port. Note that this input does not support the three states of the PCIXCAP input
defined in the PCI-X specification. It is sampled as either a 1 or a 0 during reset only. Note that the
value latched on this signal during POR is accessible through the memory-mapped PORDEVSR,
described in Section 18.4.1.4, “POR Device Status Register (PORDEVSR).”
4.4.3.17 Memory Debug Configuration
The memory debug configuration input, shown in Table 4-25, selects which debug outputs (DDR
or LBC memory controller) are driven onto the MSRCID and MDVAL debug signals. Note that
the value latched on this signal during POR is accessible through the memory-mapped
Table 4-22. PCI Arbiter Configuration
Functiona
l
Signal
Reset
Configuration
Name
Value
(Binary
)
Meaning
PCI_GNT2
cfg_pci_arbiter
0
The on-chip PCI/PCI-X arbiter is disabled. External arbitration is required.
Default (1)
1
The on-chip PCI/PCI-X arbiter is enabled (default).
Table 4-23. PCI Debug Configuration
Functiona
l Signal
Reset Configuration
Name
Value
(Binary)
Meaning
PCI_GNT3
Default (1)
cfg_pci_debug
0
PCI debug is enabled. Source ID information is driven onto the highest
order address bits, PCI_AD[62:58], during the bus command phase
(PCI) or attribute phase (PCI-X).
1
PCI operates in normal mode (default)
Table 4-24. PCI/PCI-X Configuration
Functional
Signal
Reset Configuration
Name
Value
(Binary)
Meaning
PCI_GNT4
Default (1)
cfg_pci_mode
0
PCI-X mode
1
PCI mode (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com