Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 210 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 210 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-24
Freescale Semiconductor
Reset, Clocking, and Initialization
Figure 4-6. Clock Subsystem Block Diagram
When the PCI/PCI-X interface is being used, SYSCLK also functions as the PCI_CLK signal.
Note that this is true both when the MPC8540 is in agent mode and host mode. The MPC8540 does
not provide a separate PCI_CLK output in host mode.
4.4.4.2
RapidIO Clocks
As shown in Figure 4-7, the RapidIO transmit clocks (RIO_TCLK and RIO_TCLK) can be
selected from one of three sources. If the desired RapidIO clock is sourced by the device to which
the MPC8540 RapidIO port is connected, then the transmit clock can be derived from the receive
clock (RIO_RCLK and RIO_RCLK).
Figure 4-7. RapidIO Transmit Clock Options
LCLK2
Core PLL
Device PLL
DLL
DLL
MSYNC_IN
LSYNC_IN
LSYNC_OUT
LCLK0
LCLK1
MSYNC_OUT
MCK[0:5]
MCK[0:5]
core_clk
e500 Core
CCB_clk to Rest of the Device
SYSCLK/
PCI_CLK
CCB_clk
cfg_sys_pll[0:3]
cfg_core_pll[0:1]
MPC8540
2
4
6
6
DDR
Controller
LBC
÷
÷
2
n
CCB_clk
RIO_RCK
RIO_RCK
RIO_TCK
RIO_TCK
cfg_rio_clk[0:1]
Clock
Synthesis
Chip
RIO_TX_CLK_IN
RIO_TX_CLK_IN
MPC8540
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com