Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 208 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 208 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 212Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
4-22
Freescale Semiconductor
Reset, Clocking, and Initialization
4.4.3.20 Local Bus Output Hold Configuration
The LBC output hold configuration inputs, shown in Table 4-29, configure the output hold times
for the local bus interface output drivers. The default values are designed to meet the specified AC
timing requirements for the local bus. Hold times are adjusted by adding buffer delays to the
intrinsic delay of the output driver. Refer to the MPC8540 Integrated Processor Hardware
Specifications for specific timing information. Note that for three of the POR configuration input
settings, there is a minimum of one buffer of output hold delay between the LALE and LAD[0:31]
signals.
Table 4-27. PCI Output Hold Configuration (cfg_pci_mode = 1)
Functional
Signals
Reset Configuration
Name
Value
(Binary
)
Meaning
LWE[0:1]
Default (11)
cfg_pci_hold[0:1]
11
Two added buffer delays—required to meet 2-ns hold time requirement
10
Three added buffer delays (default + 1)
01
Zero added buffer delays (default + 2 mod 4)
00
One added buffer delay (default + 3 mod 4)
Table 4-28. PCI-X Output Hold Configuration (cfg_pci_mode = 0)
Functional
Signals
Reset Configuration
Name
Value
(Binary
)
Meaning
LWE[0:1]
Default (11)
cfg_pci_hold[0:1]
11
Zero added buffer delays—meets 0.7 ns hold time requirement
10
One added buffer delay (default + 1)
01
Two added buffer delays (default + 2)
00
Three added buffer delays (default + 3)
Table 4-29. Local Bus Output Hold Configuration
Functional
Signals
Reset Configuration
Name
Value
(Binary
)
Meaning
TSEC2_TXD[6:5
]
Default (11)
cfg_lb_hold[0:1]
11
One added buffer delay (default)
(zero added buffer delays for LALE)
10
Two added buffer delays (default + 1)
(one added buffer delay for LALE)
01
Three added buffer delays (default + 2)
(one added buffer delay for LALE)
00
Zero added buffer delays
(zero added buffer delays for LALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com