Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
4-23
4.4.3.21 General-Purpose POR Configuration
The LBC address/data bus inputs, shown in Table 4-30, configure the value of the general-purpose
POR configuration register defined in Section 18.4.1.6, “General-Purpose POR Configuration
Register (GPPORCR).” This register is intended to facilitate POR configuration of user systems.
A value placed on LAD[0:31] during POR is captured and stored (read only) in the GPPORCR.
Software can then use this value to inform the operating system about initial system configuration.
Typical interpretations include circuit board type, board ID number, or a list of available
peripherals.
4.4.4
Clocking
The following paragraphs describe the clocking within the MPC8540 device.
4.4.4.1
System Clock/PCI Clock
The MPC8540 takes a single input clock, SYSCLK, as its primary clock source for the e500 core
and all of the devices and interfaces that operate synchronously with the core. As shown in
Figure 4-6, the SYSCLK input (frequency) is multiplied up using a phase lock loop (PLL) to create
the core complex bus (CCB) clock (also called the platform clock). The CCB clock is used by
virtually all of the synchronous system logic, including the L2 cache, and other internal blocks
such as the DMA and interrupt controller. The CCB clock also feeds the PLL in the e500 core and
the DLLs that create clocks for the DDR SDRAM and local bus memory controllers. Note that the
divide-by-two CCB clock divider and the divide-by-n CCB clock divider, shown in Figure 4-6, are
located in the DDR and local bus blocks, respectively.
Table 4-30. General-Purpose POR Configuration
Functional
Signals
Reset
Configuration
Name
Value
(Binary
)
Meaning
LAD[0:31]
No default
cfg_gpporcr
xx
General-purpose POR configuration vector to be placed in GPPORCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com