Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 53 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 49Page - STMicroelectronics M29W640FT Datasheet HTML 50Page - STMicroelectronics M29W640FT Datasheet HTML 51Page - STMicroelectronics M29W640FT Datasheet HTML 52Page - STMicroelectronics M29W640FT Datasheet HTML 53Page - STMicroelectronics M29W640FT Datasheet HTML 54Page - STMicroelectronics M29W640FT Datasheet HTML 55Page - STMicroelectronics M29W640FT Datasheet HTML 56Page - STMicroelectronics M29W640FT Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
M29W640FT, M29W640FB
9 Part Numbering
53/72
31
64/32
Protection Group
180000h-18FFFFh
0C0000h
–0C7FFFh
32
64/32
190000h-19FFFFh
0C8000h
–0CFFFFh
33
64/32
1A0000h-1AFFFFh
0D0000h
–0D7FFFh
34
64/32
1B0000h-1BFFFFh
0D8000h
–0DFFFFh
35
64/32
Protection Group
1C0000h-1CFFFFh
0E0000h
–0E7FFFh
36
64/32
1D0000h-1DFFFFh
0E8000h
–0EFFFFh
37
64/32
1E0000h-1EFFFFh
0F0000h
–0F7FFFh
38
64/32
1F0000h-1FFFFFh
0F8000h
–0FFFFFh
39
64/32
Protection Group
200000h-20FFFFh
100000h
–107FFFh
40
64/32
210000h-21FFFFh
108000h
–10FFFFh
41
64/32
220000h-22FFFFh
110000h
–117FFFh
42
64/32
230000h-23FFFFh
118000h
–11FFFFh
43
64/32
Protection Group
240000h-24FFFFh
120000h
–127FFFh
44
64/32
250000h-25FFFFh
128000h
–12FFFFh
45
64/32
260000h-26FFFFh
130000h
–137FFFh
46
64/32
270000h-27FFFFh
138000h
–13FFFFh
47
64/32
Protection Group
280000h-28FFFFh
140000h
–147FFFh
48
64/32
290000h-29FFFFh
148000h
–14FFFFh
49
64/32
2A0000h-2AFFFFh
150000h
–157FFFh
50
64/32
2B0000h-2BFFFFh
158000h
–15FFFFh
51
64/32
Protection Group
2C0000h-2CFFFFh
160000h
–167FFFh
52
64/32
2D0000h-2DFFFFh
168000h
–16FFFFh
53
64/32
2E0000h-2EFFFFh
170000h
–177FFFh
54
64/32
2F0000h-2FFFFFh
178000h
–17FFFFh
55
64/32
Protection Group
300000h-30FFFFh
180000h
–187FFFh
56
64/32
310000h-31FFFFh
188000h
–18FFFFh
57
64/32
320000h-32FFFFh
190000h
–197FFFh
58
64/32
330000h-33FFFFh
198000h
–19FFFFh
59
64/32
Protection Group
340000h-34FFFFh
1A0000h
–1A7FFFh
60
64/32
350000h-35FFFFh
1A8000h
–1AFFFFh
61
64/32
360000h-36FFFFh
1B0000h
–1B7FFFh
62
64/32
370000h-37FFFFh
1B8000h
–1BFFFFh
Block
KBytes/
KWords
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com