Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 46 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 42Page - STMicroelectronics M29W640FT Datasheet HTML 43Page - STMicroelectronics M29W640FT Datasheet HTML 44Page - STMicroelectronics M29W640FT Datasheet HTML 45Page - STMicroelectronics M29W640FT Datasheet HTML 46Page - STMicroelectronics M29W640FT Datasheet HTML 47Page - STMicroelectronics M29W640FT Datasheet HTML 48Page - STMicroelectronics M29W640FT Datasheet HTML 49Page - STMicroelectronics M29W640FT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
9 Part Numbering
M29W640FT, M29W640FB
46/72
9
Part Numbering
Table 19.
Ordering Information Scheme
Note: This product is also available with the Extended Block factory locked. For further details
and ordering information contact your nearest ST sales office.
Devices are shipped from the factory with the memory content bits erased to 1. For a list of
available options (Speed, Package, etc.) or for further information on any aspect of this device,
please contact your nearest ST Sales Office.
Example:
M29W640FB
70
N
6F
Device Type
M29
Operating Voltage
W = VCC = 2.7 to 3.6V
Device Function
640F = 64 Mbit (x8/x16), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
60 = 60ns
70 = 70ns
Package
N = TSOP48: 12 x 20 mm
ZA = TFBGA48: 6x8mm, 0.80 mm pitch
Temperature Range
6 = 40 to 85
°C
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com