Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 43 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 39Page - STMicroelectronics M29W640FT Datasheet HTML 40Page - STMicroelectronics M29W640FT Datasheet HTML 41Page - STMicroelectronics M29W640FT Datasheet HTML 42Page - STMicroelectronics M29W640FT Datasheet HTML 43Page - STMicroelectronics M29W640FT Datasheet HTML 44Page - STMicroelectronics M29W640FT Datasheet HTML 45Page - STMicroelectronics M29W640FT Datasheet HTML 46Page - STMicroelectronics M29W640FT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
M29W640FT, M29W640FB
7 DC and AC parameters
43/72
Figure 12. Reset/Block Temporary Unprotect AC Waveforms
Figure 13. Accelerated Program Timing Waveforms
Table 16.
Reset/Block Temporary Unprotect AC Characteristics
Symbol
Alt
Parameter
M29W640FT,
M29W640FB
Unit
tPHWL
(1)
tPHEL
tPHGL
(1)
1.
Sampled only, not 100% tested.
tRH
RP High to Write Enable Low, Chip Enable Low,
Output Enable Low
Min
50
ns
tRHWL
(1)
tRHEL
(1)
tRHGL
(1)
tRB
RB High to Write Enable Low, Chip Enable Low,
Output Enable Low
Min
0
ns
tPLPX
tRP
RP Pulse Width
Min
500
ns
tPLYH
tREADY
RP Low to Read Mode
Max
50
µs
tPHPHH
(1)
tVIDR
RP Rise Time to VID
Min
500
ns
tVHVPP
(1)
VPP Rise and Fall Time
Min
250
ns
AI02931B
RB
W,
RP
tPLPX
tPHWL, tPHEL, tPHGL
tPLYH
tPHPHH
E, G
tRHWL, tRHEL, tRHGL
AI05563
VPP/WP
VPP
VIL or VIH
tVHVPP
tVHVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com