Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W640FT Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29W640FT
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W640FT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29W640FT Datasheet HTML 26Page - STMicroelectronics M29W640FT Datasheet HTML 27Page - STMicroelectronics M29W640FT Datasheet HTML 28Page - STMicroelectronics M29W640FT Datasheet HTML 29Page - STMicroelectronics M29W640FT Datasheet HTML 30Page - STMicroelectronics M29W640FT Datasheet HTML 31Page - STMicroelectronics M29W640FT Datasheet HTML 32Page - STMicroelectronics M29W640FT Datasheet HTML 33Page - STMicroelectronics M29W640FT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
5 Status Register
M29W640FT, M29W640FB
30/72
5
Status Register
Bus Read operations from any address always read the Status Register during Program and
Erase operations. It is also read during Erase Suspend when an address within a block being
erased is accessed.
The bits in the Status Register are summarized in Table 8: Status Register Bits.
5.1
Data Polling Bit (DQ7)
The Data Polling Bit can be used to identify whether the Program/Erase Controller has
successfully completed its operation or if it has responded to an Erase Suspend. The Data
Polling Bit is output on DQ7 when the Status Register is read.
During Program operations the Data Polling Bit outputs the complement of the bit being
programmed to DQ7. After successful completion of the Program operation the memory returns
to Read mode and Bus Read operations from the address just programmed output DQ7, not its
complement.
During Erase operations the Data Polling Bit outputs
’0’, the complement of the erased state of
DQ7. After successful completion of the Erase operation the memory returns to Read Mode.
In Erase Suspend mode the Data Polling Bit will output a
’1’ during a Bus Read operation within
a block being erased. The Data Polling Bit will change from a
’0’ to a ’1’ when the Program/
Erase Controller has suspended the Erase operation.
Figure 4: Data Polling Flowchart, gives an example of how to use the Data Polling Bit. A Valid
Address is the address being programmed or an address within the block being erased.
5.2
Toggle Bit (DQ6)
The Toggle Bit can be used to identify whether the Program/Erase Controller has successfully
completed its operation or if it has responded to an Erase Suspend. The Toggle Bit is output on
DQ6 when the Status Register is read.
During Program and Erase operations the Toggle Bit changes from
’0’ to ’1’ to ’0’, etc., with
successive Bus Read operations at any address. After successful completion of the operation
the memory returns to Read mode.
During Erase Suspend mode the Toggle Bit will output when addressing a cell within a block
being erased. The Toggle Bit will stop toggling when the Program/Erase Controller has
suspended the Erase operation.
Figure 5: Data Toggle Flowchart, gives an example of how to use the Data Toggle Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com